Electronic Components Datasheet Search
  English  ▼

X  

EM78P510NAM Datasheet(PDF) 34 Page - ELAN Microelectronics Corp

Part # EM78P510NAM
Description  8-Bit Microprocessor with OTP ROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P510NAM Datasheet(HTML) 34 Page - ELAN Microelectronics Corp

Back Button EM78P510NAM Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 38Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 116 page
background image
EM78P510N
8-Bit Microcontrollers
28
•
Product Specification (V0.9) 09.12.2006
(This specification is subject to change without further notice)
Bit 4 (SSE):
SPI Shift Enable Bit
0
: Reset as soon as the shift is complete, and the next byte is read to
shift.
1
: Start to shift, and remain on “1” while the current byte is still being
transmitted.
Bit 3 (SDOC):
SDO Output Status Control Bit
0
: After the serial data output, the SDO remain high.
1
: After the serial data output, the SDO remain low.
Bits 2~0 (SBRS2~SBRS0):
SPI Baud Rate Select Bits
SBRS2
SBRS1
SBRS0
Mode
SPI Baud Rate
0
0
0
Master
Fosc/2
0
0
1
Master
Fosc/4
0
1
0
Master
Fosc/8
0
1
1
Master
Fosc/16
1
0
0
Master
Fosc/32
1
0
1
Master
Timer2
1
1
0
Slave
/SS enable
1
1
1
Slave
/SS disable
6.2.36 Bank 2 RE SPIR (SPI Read Buffer)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SRB7
SRB6
SRB5
SRB4
SRB3
SRB2
SRB1
SRB0
Bits 7~0 (SRB7~SRB0):
SPI Read Data Buffer
6.2.37 Bank 2 RF SPIW (SPI Write Buffer)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SWB7
SWB6
SWB5
SWB4
SWB3
SWB2
SWB1
SWB0
Bits 7~0 (SWB7~SWB0):
SPI Write Data Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com