Electronic Components Datasheet Search
  English  ▼

X  

EM78P510NAM Datasheet(PDF) 36 Page - ELAN Microelectronics Corp

Part # EM78P510NAM
Description  8-Bit Microprocessor with OTP ROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P510NAM Datasheet(HTML) 36 Page - ELAN Microelectronics Corp

Back Button EM78P510NAM Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 40Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 116 page
background image
EM78P510N
8-Bit Microcontrollers
30
•
Product Specification (V0.9) 09.12.2006
(This specification is subject to change without further notice)
6.2.39 Bank 3 R6 URS (UART Status)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
URRD8
EVEN
PRE
PRERR
OVERR
FMERR
URBF
RXE
Bit 7 (URRD8):
Receiving Data Bit 8
Bit 6 (EVEN):
Select Parity Check
0
: Odd parity
1
: Even parity
Bit 5 (PRE):
Enable Parity Addition
0
: Disable
1
: Enable
Bit 4 (PRERR):
Parity Error Flag
Set to 1 when parity error occurs and cleared to 0 by software.
Bit 3 (OVERR):
Over Running Error Flag
Set to 1 when overrun error occurs and cleared to 0 by software.
Bit 2 (FMERR):
Framing Error Flag
Set to 1 when framing error occurs and cleared to 0 by software.
Bit 1 (URBF):
UART Read Buffer Full Flag
Set to 1 when one character is received. Reset to 0 automatically
when read from URS register. URBF will be cleared by hardware
when enabling receiving. And URBF bit is read-only. Therefore,
reading the URS register is necessary to avoid overrun error.
Bit 0 (RXE):
Enable Receiving
0
: Disable
1
: Enable
6.2.40 Bank 3 R7 URRD (UART_RD Data Buffer)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
URRD7
URRD6
URRD5
URRD4
URRD3
URRD2
URRD1
URRD0
Bits 7~0 (URRD7~URRD0):
UART Receive Data Buffer. Read only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com