Electronic Components Datasheet Search
  English  ▼

X  

EM78P510NAM Datasheet(PDF) 39 Page - ELAN Microelectronics Corp

Part # EM78P510NAM
Description  8-Bit Microprocessor with OTP ROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P510NAM Datasheet(HTML) 39 Page - ELAN Microelectronics Corp

Back Button EM78P510NAM Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 43Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 116 page
background image
EM78P510N
8-Bit Microcontrollers
Product Specification (V0.9) 09.12.2006
• 33
(This specification is subject to change without further notice)
Bits 6~4 (VOF[2]~VOF[0]):
Offset Voltage Bits
VOF[2]
VOF[1]
VOF[0]
EM78P510N
0
0
0
0LSB
0
0
1
2LSB
0
1
0
4LSB
0
1
1
6LSB
1
0
0
8LSB
1
0
1
10LSB
1
1
0
12LSB
1
1
1
14LSB
Bits 3~0 (ADD3~ADD0):
AD Low 4-Bit Data Buffer
6.2.47 Bank 3 RE EIESH (External Interrupt Edge Select High Byte
Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EIES7
EIES6
EIES5
EIES4
EIES3
EIES2
EIES1
EIES0
Bits 7~0 (EIES7~EIES0):
External Interrupt 7~0 Edge Select Bit
0
: Falling edge interrupt
1
: Rising edge interrupt
6.2.48 Bank 3 RF EIESL (External Interrupt Edge Select Low Byte
Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
ADWK
INTWK9
INTWK8
EIES9
EIES8
Bits 7~5:
Reserved
Bit 4 (ADWK):
A/D Converter Wake-up Function Enable Bit
0
: Disable
1
: Enable
Bits 3~2 (INTWK9~INTWK8):
External Interrupt 9~8 Wake-up Function Enable Bit
0
: Disable
1
: Enable
Bits 1~0 (EIES9~EIES8):
External Interrupt 9~8 Edge Select Bit
0
: Falling edges interrupt
1
: Rising edges interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com