Electronic Components Datasheet Search
  English  ▼

X  

EM78P510NAM Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM78P510NAM
Description  8-Bit Microprocessor with OTP ROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P510NAM Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM78P510NAM Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P510NAM Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 116 page
background image
EM78P510N
8-Bit Microcontrollers
Product Specification (V0.9) 09.12.2006
• 7
(This specification is subject to change without further notice)
5
Pin Description
Table 1 (a) LQFP-48
Pin
Pin No. I/O Type
Description
P70~P77
1~4,
39~42
I/O
8-bit bidirectional I/O pins.
P70 ~ P73 are pin-shared with SEG12 ~ SEG15, respectively.
P74 is pin-shared with external Interrupt 0 or SEG18.
P75 is pin-shared with external Interrupt 1 or T1OUT or PWM1.
P76 is pin-shared with external Interrupt 2 or T1CK.
P77 is pin-shared with external Interrupt 3 or T1CAP.
P81~P87
12~18
I/O
7-bit bidirectional I/O pins.
P81 is pin-shared with RESET pin.
P82 is pin-shared with Interrupt 8 or AD8 input.
P83 is pin-shared with COM7 or Interrupt 9 or AD7 input.
P84 is pin-shared with A/D reference input pin.
P85 is pin-shared with COM6 or AD6 input.
P86 is pin-shared with COM5 or AD5 input.
P87 is pin-shared with COM4 or AD4 input.
P90~P97
19~26
I/O
8-bit bidirectional I/O pins.
P90 is pin-shared with AD3 input or PWM2.
P91 is pin-shared with AD2 input or BUZ.
P92 ~P93 are pin-shared with AD1 ~ AD0 input, respectively.
P94 ~P97 are pin-shared with COM3 ~ COM0, respectively.
PA0~PA7 27~34
I/O
8-bit bidirectional I/O pins.
PA0 ~ PA3 are pin-shared with SEG0 ~ SEG3, respectively.
PA4 is pin-shared with SEG4 or SPI SI pin.
PA5 is pin-shared with SEG5 or SPI SO pin.
PA6 is pin-shared with SEG6 or SPI SCK pin.
PA7 is pin-shared with SEG7 or SPI /SS pin.
PB0~PB7
35~38,
43~46
I/O
8-bit bidirectional I/O pins.
PB0 is pin-shared with SEG8 or external Interrupt 4 or AD9 input.
PB1 is pin-shared with SEG9 or external Interrupt 5 or AD10 input.
PB2 is pin-shared with SEG10 or external Interrupt 6 or AD11 input.
PB3 is pin-shared with SEG11 or external Interrupt 7.
PB4 is pin-shared with SEG16 or UART RX pin.
PB5 is pin-shared with SEG17 or UART TX pin.
PB6 ~ PB7 are pin-shared with SEG19 ~ SEG20, respectively.
PC0~PC3
47~48
10~11
I/O
4-bit bidirectional I/O pins.
PC0 ~ PC1 are pin-shared with SEG21 ~ SEG22, respectively.
PC2 ~PC3 are pin-shared with Xin ~ Xout, respectively.
OSCI
8
I
Crystal mode: crystal input
RC mode: pull-high resistor
PLL mode: connect 0.01µF capacitance to GND.
Connect 0.01µF capacitor to GND and code option select PLL mode when
high oscillator is not used.
OSCO
7
O
Crystal mode: crystal output
RC mode: instruction clock output
PLL mode: instruction clock output
Test
9
I
Test signal import pin (must be connected to VDD)
Xin
10
I
Crystal mode: input pin for sub-oscillator. Connect to a 32.768kHz crystal.
RC mode: pull-high resistor
Xout
11
O
In crystal mode: connect to a 32.768kHz crystal.
/RESET
12
I
Input pin with Schmitt Trigger. If this pin remains at logic low, the controller
will also remain in rest condition.
VDD
5
I
Power supply pin
VSS
6
I
System ground pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com