Electronic Components Datasheet Search
  English  ▼

X  

HS4013 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HS4013
Description  High Performance Relative Humidity and Temperature Sensor with Membrane and Digital Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4013 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HS4013 Datasheet HTML 1Page - Renesas Technology Corp HS4013 Datasheet HTML 2Page - Renesas Technology Corp HS4013 Datasheet HTML 3Page - Renesas Technology Corp HS4013 Datasheet HTML 4Page - Renesas Technology Corp HS4013 Datasheet HTML 5Page - Renesas Technology Corp HS4013 Datasheet HTML 6Page - Renesas Technology Corp HS4013 Datasheet HTML 7Page - Renesas Technology Corp HS4013 Datasheet HTML 8Page - Renesas Technology Corp HS4013 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
HS401x Datasheet
R36DS0023EU0104 Rev.1.04
Mar 14, 2023
Page 3
List of Figures
Figure 1. HS4011 RH Accuracy Tolerance at 25°C................................................................................................7
Figure 2. HS4011 RH Accuracy over Temperature ................................................................................................7
Figure 3. HS4013 RH Accuracy Tolerance at 25°C................................................................................................7
Figure 4. HS4013 RH Accuracy over Temperature ................................................................................................7
Figure 5. HS4011 Temperature Sensor Accuracy Tolerance .................................................................................7
Figure 6. HS4013 Temperature Sensor Accuracy Tolerance .................................................................................7
Figure 7. Timing Diagram .......................................................................................................................................8
Figure 8. START and STOP Condition Waveform..................................................................................................9
Figure 9. Typical Hold Measurement Sequence for a Humidity and Temperature Command..............................11
Figure 10. Typical No-Hold Measurement Sequence for a Humidity and Temperature Command ......................12
Figure 11. Sequence to Retrieve the Latest Results in Periodic Measurement Mode ..........................................14
Figure 12. Sequence to Stop Periodic Measurements .........................................................................................14
Figure 13. Alert Pin Function ................................................................................................................................15
Figure 14. Alert Pin Functionality Example...........................................................................................................15
Figure 15. Data Returned from HS401x when the Alert Feature is Enabled in Periodic Measurement Mode ......16
Figure 16. Read Register Command Sequence ...................................................................................................17
Figure 17. Write Register Command Sequence ...................................................................................................17
Figure 18. Read Sensor ID Command Sequence ................................................................................................21
Figure 19. HS401x Application Circuit (Top View)................................................................................................21
Figure 20. Recommended Soldering Profile.........................................................................................................22
Figure 21. Milled PCB Openings for Thermal Isolation.........................................................................................23
List of Tables
Table 1. Humidity Sensor Specification, TA = +25°C, VDD = 1.71V to 3.6V.............................................................6
Table 2. Temperature Sensor Specification, TA = +25°C, VDD = 1.71V to 3.6V ......................................................6
Table 3. I2C Timing Parameters .............................................................................................................................8
Table 4. Commands Code and Description............................................................................................................9
Table 5. Measurement Command Modes ............................................................................................................10
Table 6. Conversion Times...................................................................................................................................13
Table 7. CRC Checksum Properties.....................................................................................................................13
Table 8. Alert Status Bits ......................................................................................................................................16
Table 9. Temperature and Humidity Measurement Resolution Settings...............................................................18
Table 10. Periodic Measurement Settings............................................................................................................18
Table 11. Alert Feature Settings...........................................................................................................................18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com