Electronic Components Datasheet Search
  English  ▼

X  

HS4013 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # HS4013
Description  High Performance Relative Humidity and Temperature Sensor with Membrane and Digital Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4013 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button HS4013 Datasheet HTML 19Page - Renesas Technology Corp HS4013 Datasheet HTML 20Page - Renesas Technology Corp HS4013 Datasheet HTML 21Page - Renesas Technology Corp HS4013 Datasheet HTML 22Page - Renesas Technology Corp HS4013 Datasheet HTML 23Page - Renesas Technology Corp HS4013 Datasheet HTML 24Page - Renesas Technology Corp HS4013 Datasheet HTML 25Page - Renesas Technology Corp HS4013 Datasheet HTML 26Page - Renesas Technology Corp HS4013 Datasheet HTML 27Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
HS401x Datasheet
R36DS0023EU0104 Rev.1.04
Mar 14, 2023
Page 23
7.
PCB Layout Guide
When designing the PCB, undesired heat transfer paths to the HS401x series must be minimized. Excessive
heat from other components on the PCB will result in inaccurate temperature and relative humidity
measurements. As such, solid metal planes for power supplies should be avoided in the vicinity of the
sensor since these will act as thermal conductors. To further reduce the heat transfer from other components on
the board, openings can be milled into the PCB as shown in Figure 21.
Figure 21. Milled PCB Openings for Thermal Isolation
8.
Storage and Handling
Recommendation: Once the sensors are removed from their original packaging, store them in metal-in antistatic
bags.
Avoid using polyethylene antistatic bags as they may affect sensor accuracy.
The nominal storage conditions are 10 to 50°C and humidity levels within 20% to 60%RH. If stored outside of
these conditions for extended periods of time, the sensor readings may exhibit an offset. The sensor can be
reconditioned and brought back to its calibration state by applying the following procedure:
1.
Bake at a temperature of 100°C with a humidity < 10%RH for 10 to 12 hours.
2.
Rehydrate the sensor at a humidity of 75%RH and a temperature between 20 to 30°C for 12 to 14 hours.
9.
Quality and Reliability
The HS401x series is available as a qualified product for consumer and industrial market applications. All data
specified parameters are guaranteed if not stated otherwise.
Milled Opening
Milled Opening



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com