Electronic Components Datasheet Search
  English  ▼

X  

HS4013 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # HS4013
Description  High Performance Relative Humidity and Temperature Sensor with Membrane and Digital Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4013 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button HS4013 Datasheet HTML 18Page - Renesas Technology Corp HS4013 Datasheet HTML 19Page - Renesas Technology Corp HS4013 Datasheet HTML 20Page - Renesas Technology Corp HS4013 Datasheet HTML 21Page - Renesas Technology Corp HS4013 Datasheet HTML 22Page - Renesas Technology Corp HS4013 Datasheet HTML 23Page - Renesas Technology Corp HS4013 Datasheet HTML 24Page - Renesas Technology Corp HS4013 Datasheet HTML 25Page - Renesas Technology Corp HS4013 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
HS401x Datasheet
R36DS0023EU0104 Rev.1.04
Mar 14, 2023
Page 22
The recommended soldering profile for a lead-free (RoHS-compliant) process is shown below.
Figure 20. Recommended Soldering Profile
It is important to ensure this temperature profile is measured at the sensor itself. Measuring the profile at a larger
component with a higher thermal mass means the temperature at the small sensor will be higher than expected.
For manual soldering, the contact time must be limited to 5 seconds with a maximum iron temperature of 350°C.
In either case, a board wash after soldering is not recommended. Therefore, if a solder paste is used, it is
strongly recommended that a “no-clean” solder paste is used to avoid the need to wash the PCB.
After soldering, the recommended rehydration process should be done. Otherwise, there may be an initial offset
in the relative humidity readings, which will slowly disappear as the sensor get exposed to ambient conditions.
Recommended rehydration process:
■ A relative humidity of 75% RH at room temperature for at least 12 hours
or
■ A relative humidity of 40% to 50% RH at room temperature for 3 to 5 days



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com