Electronic Components Datasheet Search
  English  ▼

X  

HS4013 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HS4013
Description  High Performance Relative Humidity and Temperature Sensor with Membrane and Digital Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4013 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HS4013 Datasheet HTML 6Page - Renesas Technology Corp HS4013 Datasheet HTML 7Page - Renesas Technology Corp HS4013 Datasheet HTML 8Page - Renesas Technology Corp HS4013 Datasheet HTML 9Page - Renesas Technology Corp HS4013 Datasheet HTML 10Page - Renesas Technology Corp HS4013 Datasheet HTML 11Page - Renesas Technology Corp HS4013 Datasheet HTML 12Page - Renesas Technology Corp HS4013 Datasheet HTML 13Page - Renesas Technology Corp HS4013 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
HS401x Datasheet
R36DS0023EU0104 Rev.1.04
Mar 14, 2023
Page 10
Table 5. Measurement Command Modes
Measurement
Command Mode
Description
Number of Data Bytes
Sent on the I2C Bus
Temperature
The chip only measures temperature and sends the 14-bit result once the
measurement is complete.
2 bytes + 1 byte CRC
Humidity and
Temperature
The chip measures humidity and temperature and sends the 14-bit humidity
result followed by the 14-bit temperature result once the measurement is
complete.
4 bytes + 1 byte CRC
4.4
Measurements and Commands
There are two types of measurement commands:
1.
Hold measurement commands: The HS401x series sensor holds the SCL line low during the measurement
and releases the SCL line when the measurement is complete. This lets the master know exactly when the
measurement has finished. Using this mode will prevent the master from communicating with any other
slave until the measurement is complete. Note that the minimum frequency for the SCL clock in this mode is
200kHz.
2.
No-hold measurement commands: The HS401x series sensor does not hold the SCL line low, and the
master is free to initiate communication with other slaves while the chip is performing the measurement. To
obtain the measurement data, the master must request the result from the chip after the expected
conversion time which depends on the measurement resolution as summarized in section 0. There is no
minimum clock frequency when in this mode.
4.4.1.
Performing a Hold Measurement
A hold measurement sequence consists of the following steps, as illustrated in Figure 9.
1.
Wake up the HS401x series sensor from sleep mode by sending its I2C address with a write bit and initiate a
measurement by sending the desired hold measurement command.
2.
Change the direction of communication by sending a start bit, the HS401x I2C address, and a read bit. The
SCL line is held low by the sensor during the measurement process, which prevents the master from
initiating any communications with other slaves on the bus.
3.
Once the requested measurement is completed by the HS401x series sensor, the SCL line is released and
the chip waits for the SCL clock signal to send the results. The sensor will then transmit the requested
measurement data on the bus for the master to capture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com