Electronic Components Datasheet Search
  English  ▼

X  

HS4013 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HS4013
Description  High Performance Relative Humidity and Temperature Sensor with Membrane and Digital Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4013 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HS4013 Datasheet HTML 13Page - Renesas Technology Corp HS4013 Datasheet HTML 14Page - Renesas Technology Corp HS4013 Datasheet HTML 15Page - Renesas Technology Corp HS4013 Datasheet HTML 16Page - Renesas Technology Corp HS4013 Datasheet HTML 17Page - Renesas Technology Corp HS4013 Datasheet HTML 18Page - Renesas Technology Corp HS4013 Datasheet HTML 19Page - Renesas Technology Corp HS4013 Datasheet HTML 20Page - Renesas Technology Corp HS4013 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
HS401x Datasheet
R36DS0023EU0104 Rev.1.04
Mar 14, 2023
Page 17
4.7.1.
Read Register Command
A Read Register sequence consists of the following steps, as illustrated in Figure 16.
1.
Wake up the HS401x series sensor from sleep mode by sending its I2C address with a write bit and initiate a
Read Register command by sending the command 0xA7.
2.
Send the address of the register to be read.
3.
Change the direction of communication by sending the HS401x I2C address and a read bit. The chip will
send the data stored in this register, after which the master replies with a NACK and a STOP bit.
Figure 16. Read Register Command Sequence
4.7.2.
Write Register Command
A Write Register sequence consists of the following steps, as illustrated in Figure 17.
1.
Wake up the HS401x series sensor from sleep mode by sending its I2C address with a write bit and initiate a
Write Register command by sending the command 0xA6.
2.
Send the address of the register to write.
3.
Send the data to be stored in this register followed by a STOP bit.
Figure 17. Write Register Command Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com