Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 79 Page - Maxim Integrated Products

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2156 Datasheet(HTML) 79 Page - Maxim Integrated Products

Back Button DS2156 Datasheet HTML 75Page - Maxim Integrated Products DS2156 Datasheet HTML 76Page - Maxim Integrated Products DS2156 Datasheet HTML 77Page - Maxim Integrated Products DS2156 Datasheet HTML 78Page - Maxim Integrated Products DS2156 Datasheet HTML 79Page - Maxim Integrated Products DS2156 Datasheet HTML 80Page - Maxim Integrated Products DS2156 Datasheet HTML 81Page - Maxim Integrated Products DS2156 Datasheet HTML 82Page - Maxim Integrated Products DS2156 Datasheet HTML 83Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 240 page
background image
DS2155
79 of 240
Register Name:
LCVCR1
Register Description:
Line-Code Violation Count Register 1
Register Address:
42h
Bit #
7
6
5
4
3
2
1
0
Name
LCVC15
LCVC14
LCVC13
LCVC12
LCVC11
LCVC10
LCVC9
LCCV8
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/Line-Code Violation Counter Bits 8 to 15 (LCVC8 to LCVC15). LCV15 is the MSB of the 16-bit
code violation count.
Register Name:
LCVCR2
Register Description:
Line-Code Violation Count Register 2
Register Address:
43h
Bit #
7
6
5
4
3
2
1
0
Name
LCVC7
LCVC6
LCVC5
LCVC4
LCVC3
LCVC2
LCVC1
LCVC0
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/Line-Code Violation Counter Bits 0 to 7 (LCVC0 to LCVC7). LCV0 is the LSB of the 16-bit code
violation count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com