Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2156 Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button DS2156 Datasheet HTML 25Page - Maxim Integrated Products DS2156 Datasheet HTML 26Page - Maxim Integrated Products DS2156 Datasheet HTML 27Page - Maxim Integrated Products DS2156 Datasheet HTML 28Page - Maxim Integrated Products DS2156 Datasheet HTML 29Page - Maxim Integrated Products DS2156 Datasheet HTML 30Page - Maxim Integrated Products DS2156 Datasheet HTML 31Page - Maxim Integrated Products DS2156 Datasheet HTML 32Page - Maxim Integrated Products DS2156 Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 240 page
background image
DS2155
29 of 240
4.6 JTAG Test Access Port Pins
Signal Name:
JTRST
Signal Description:
IEEE 1149.1 Test Reset
Signal Type:
Input
JTRST is used to asynchronously reset the test access port controller. After power-up, JTRST must be toggled from
low to high. This action sets the device into the JTAG DEVICE ID mode. Normal device operation is restored by
pulling JTRST low. JTRST is pulled high internally by a 10kΩ resistor operation.
Signal Name:
JTMS
Signal Description:
IEEE 1149.1 Test Mode Select
Signal Type:
Input
This pin is sampled on the rising edge of JTCLK and is used to place the test access port into the various defined
IEEE 1149.1 states. This pin has a 10kΩ pullup resistor.
Signal Name:
JTCLK
Signal Description:
IEEE 1149.1 Test Clock Signal
Signal Type:
Input
This signal is used to shift data into JTDI on the rising edge and out of JTDO on the falling edge.
Signal Name:
JTDI
Signal Description:
IEEE 1149.1 Test Data Input
Signal Type:
Input
Test instructions and data are clocked into this pin on the rising edge of JTCLK. This pin has a 10kΩ pullup
resistor.
Signal Name:
JTDO
Signal Description:
IEEE 1149.1 Test Data Output
Signal Type:
Output
Test instructions and data are clocked out of this pin on the falling edge of JTCLK. If not used, this pin should be
left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com