Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 84 Page - Maxim Integrated Products

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2156 Datasheet(HTML) 84 Page - Maxim Integrated Products

Back Button DS2156 Datasheet HTML 80Page - Maxim Integrated Products DS2156 Datasheet HTML 81Page - Maxim Integrated Products DS2156 Datasheet HTML 82Page - Maxim Integrated Products DS2156 Datasheet HTML 83Page - Maxim Integrated Products DS2156 Datasheet HTML 84Page - Maxim Integrated Products DS2156 Datasheet HTML 85Page - Maxim Integrated Products DS2156 Datasheet HTML 86Page - Maxim Integrated Products DS2156 Datasheet HTML 87Page - Maxim Integrated Products DS2156 Datasheet HTML 88Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 240 page
background image
DS2155
84 of 240
Register Name:
RDS0SEL
Register Description:
Receive Channel Monitor Select
Register Address:
76h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
RCM4
RCM3
RCM2
RCM1
RCM0
Default
0
0
0
0
0
0
0
0
Bits 0 to 4/Receive Channel Monitor Bits (RCM0 to RCM4). RCM0 is the LSB of a 5-bit channel select that
determines which receive DS0 channel data appear in the RDS0M register.
Bits 5 to 7/Unused, must be set to 0 for proper operation
Register Name:
RDS0M
Register Description:
Receive DS0 Monitor Register
Register Address:
77h
Bit #
7
6
5
4
3
2
1
0
Name
B1
B2
B3
B4
B5
B6
B7
B8
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/Receive DS0 Channel Bits (B1 to B8). Receive channel data that has been selected by the receive
channel monitor select register. B8 is the LSB of the DS0 channel (last bit to be received).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com