Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2156 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button DS2156 Datasheet HTML 15Page - Maxim Integrated Products DS2156 Datasheet HTML 16Page - Maxim Integrated Products DS2156 Datasheet HTML 17Page - Maxim Integrated Products DS2156 Datasheet HTML 18Page - Maxim Integrated Products DS2156 Datasheet HTML 19Page - Maxim Integrated Products DS2156 Datasheet HTML 20Page - Maxim Integrated Products DS2156 Datasheet HTML 21Page - Maxim Integrated Products DS2156 Datasheet HTML 22Page - Maxim Integrated Products DS2156 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 240 page
background image
DS2155
19 of 240
4. PIN FUNCTION DESCRIPTION
4.1 Transmit Side
Signal Name:
TCLK
Signal Description:
Transmit Clock
Signal Type:
Input
A 1.544MHz (T1) or a 2.048MHz (E1) primary clock. Used to clock data through the transmit-side formatter.
TCLK can be internally sourced from MCLK. This is the most flexible method and requires only a single clock
signal for both T1 or E1. If internal sourcing is used, then the TCLK pin should be connected low.
Signal Name:
TSER
Signal Description:
Transmit Serial Data
Signal Type:
Input
Transmit NRZ serial data. Sampled on the falling edge of TCLK when the transmit-side elastic store is disabled.
Sampled on the falling edge of TSYSCLK when the transmit-side elastic store is enabled.
Signal Name:
TCHCLK
Signal Description:
Transmit Channel Clock
Signal Type:
Output
A 192kHz (T1) or 256kHz (E1) clock that pulses high during the LSB of each channel. Can also be programmed to
output a gated transmit bit clock on a per-channel basis. Synchronous with TCLK when the transmit-side elastic
store is disabled. Synchronous with TSYSCLK when the transmit-side elastic store is enabled. Useful for parallel-
to-serial conversion of channel data.
Signal Name:
TCHBLK
Signal Description:
Transmit Channel Block
Signal Type:
Output
A user-programmable output that can be forced high or low during any of the channels. Synchronous with TCLK
when the transmit-side elastic store is disabled. Synchronous with TSYSCLK when the transmit-side elastic store is
enabled. Useful for blocking clocks to a serial UART or LAPD controller in applications where not all channels are
used such as Fractional T1, Fractional E1, 384kbps (H0), 768kbps, or ISDN–PRI. Also useful for locating
individual channels in drop-and-insert applications, for external per-channel loopback, and for per-channel
conditioning.
Signal Name:
TSYSCLK
Signal Description:
Transmit System Clock
Signal Type:
Input
1.544MHz, 2.048MHz, 4.096MHz, 8.192MHz, or 16.384MHz clock. Only used when the transmit-side elastic
store function is enabled. Should be connected low in applications that do not use the transmit-side elastic store.
See Section 28 for details on 4.096MHz, 8.192MHz, and 16.384MHz operation using the IBO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com