Electronic Components Datasheet Search
  English  ▼

X  

BLV950 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLV950
Description  UHF push-pull power transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV950 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLV950 Datasheet HTML 3Page - NXP Semiconductors BLV950 Datasheet HTML 4Page - NXP Semiconductors BLV950 Datasheet HTML 5Page - NXP Semiconductors BLV950 Datasheet HTML 6Page - NXP Semiconductors BLV950 Datasheet HTML 7Page - NXP Semiconductors BLV950 Datasheet HTML 8Page - NXP Semiconductors BLV950 Datasheet HTML 9Page - NXP Semiconductors BLV950 Datasheet HTML 10Page - NXP Semiconductors BLV950 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1997 Oct 27
7
Philips Semiconductors
Product specification
UHF push-pull power transistor
BLV950
Fig.9 Class-AB test circuit at 900 to 960 MHz.
handbook, full pagewidth
MLD263
,,,
,,,
,,,
,,,
L1
L2
L3
,,,
,,,
L28
L29
L30
C19
C20
L4
L6
L5
L7
L11
L17
L10
L16
C27
C28
L24 L26
DUT
input
50
Ω
output
50
Ω
C35
C32
C33
C34
L15
L20
L22
L25 L27
L21
L23
VS
C31
L14
R3
C30
C29
L8
R1
Vbias
,,,,,
,,,,,
,,,,,
Vbias
VS
C21
C22
C23
C2
C1
C3
C5
C7
C9
C4
C6
C8
L9
R2
L13
C12
C14
C16
C18
C17
C15
C13
C36
C39
C38
C37
R4
L19
C41
C42
C40
L18
R5
L12
C11
R6
,,,,
,,,,
,,,,
,,,,,
,,,,,
,,,,,
,,,,
,,,,
,,,,
C10
C26
C24
C25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com