Electronic Components Datasheet Search
  English  ▼

X  

BLV950 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLV950
Description  UHF push-pull power transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV950 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLV950 Datasheet HTML 5Page - NXP Semiconductors BLV950 Datasheet HTML 6Page - NXP Semiconductors BLV950 Datasheet HTML 7Page - NXP Semiconductors BLV950 Datasheet HTML 8Page - NXP Semiconductors BLV950 Datasheet HTML 9Page - NXP Semiconductors BLV950 Datasheet HTML 10Page - NXP Semiconductors BLV950 Datasheet HTML 11Page - NXP Semiconductors BLV950 Datasheet HTML 12Page - NXP Semiconductors BLV950 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1997 Oct 27
9
Philips Semiconductors
Product specification
UHF push-pull power transistor
BLV950
Notes
1. American Technical Ceramics type 100B or capacitor of same quality.
2. The striplines are on a double copper-clad printed-circuit board, with PTFE microfibre-glass dielectric (
εr = 2.2);
thickness 1
⁄32"; thickness of the copper sheet 2 × 35 µm.
3. Semi-rigid cables soldered respectively on striplines L1 and L28.
L22, L23
stripline; note 2
14
Ω
length 7 mm
width 12.5 mm
L24, L25
stripline; note 2
18
Ω
length 11 mm
width 9 mm
L26, L27
stripline; note 2
50
Ω
length 6.5 mm
width 2.5 mm
L28, L30
stripline; note 2
30
Ω
length 49.3 mm
width 5 mm
L29
semi-rigid cable; note 3
50
Ω
ext. conductor
length 49.3 mm
ext. diameter 3.6 mm
R5, R6
metal film resistor
0.4 W, 1
Ω
2322 151 71008
R1, R2
metal film resistor
0.4 W, 5.11
Ω
2322 151 75118
R3, R4
metal resistor
1 W, 5.11
Ω
2322 153 75118
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com