Electronic Components Datasheet Search
  English  ▼

X  

BLV950 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLV950
Description  UHF push-pull power transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV950 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLV950 Datasheet HTML 4Page - NXP Semiconductors BLV950 Datasheet HTML 5Page - NXP Semiconductors BLV950 Datasheet HTML 6Page - NXP Semiconductors BLV950 Datasheet HTML 7Page - NXP Semiconductors BLV950 Datasheet HTML 8Page - NXP Semiconductors BLV950 Datasheet HTML 9Page - NXP Semiconductors BLV950 Datasheet HTML 10Page - NXP Semiconductors BLV950 Datasheet HTML 11Page - NXP Semiconductors BLV950 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1997 Oct 27
8
Philips Semiconductors
Product specification
UHF push-pull power transistor
BLV950
List of components (see Figs 9 and 10)
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE No.
C1, C10
tantalum capacitor
2.2
µF, 35 V
2022 019 00058
C2, C11, C30, C34,
C37, C41
multilayer ceramic chip
capacitor; note 1
300 pF, 200 V
C3, C12
electrolytic capacitor
1
µF, 63 V
2222 085 78108
C4, C13
electrolytic capacitor
10
µF, 16 V
2222 085 75109
C5, C14, C31, C40
tantalum capacitor
1
µF, 35 V
2022 019 00056
C6, C15, C29, C42
multilayer ceramic chip
capacitor
100 nF, 50 V
2222 581 76641
C7, C16
multilayer ceramic chip
capacitor
10 nF, 50 V
2222 581 76627
C8, C17
multilayer ceramic chip
capacitor; note 1
330 pF, 200 V
C9, C18, C19, C20,
C35, C36
multilayer ceramic chip
capacitor; note 1
39 pF, 500 V
C23
multilayer ceramic chip
capacitor; note 1
2 pF, 500 V
C25
multilayer ceramic chip
capacitor; note 1
3.9 pF, 500 V
C21, C22
film dielectric trimmer
9 pF
2222 809 09005
C24, C26
film dielectric trimmer
3.5 pF
2222 809 05215
C27, C28
multilayer ceramic chip
capacitor; note 1
68 pF, 500 V
C32, C39
electrolytic capacitor
10
µF, 63 V
2222 030 28109
C33, C38
electrolytic capacitor
1
µF, 63 V
2222 030 38108
L1, L3
stripline; note 2
35
Ω
length 50.7 mm
width 4 mm
L2
semi-rigid cable; note 3
50
Ω
ext. conductor
length 50.7 mm
ext. diameter 2.2 mm
L4, L5
stripline; note 2
35
Ω
length 26.5 mm
width 4 mm
L6, L7
stripline; note 2
20
Ω
length 9.2 mm
width 8 mm
L10, L11, L16, L17
stripline; note 2
7
Ω
length 2.5 mm
width 27 mm
L8, L13, L14, L19
grade 4S2 Ferroxcube
chip-bead
4330 030 36300
L9, L12
microchoke
4.7
µH
4322 057 04781
L15, L18
4 turns enamelled 1 mm
copper wire
100 nH
int. diameter 6 mm
close wound
L20, L21
stripline; note 2
14
Ω
length 6 mm
width 12.5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com