Electronic Components Datasheet Search
  English  ▼

X  

BLV950 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BLV950
Description  UHF push-pull power transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV950 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BLV950 Datasheet HTML 8Page - NXP Semiconductors BLV950 Datasheet HTML 9Page - NXP Semiconductors BLV950 Datasheet HTML 10Page - NXP Semiconductors BLV950 Datasheet HTML 11Page - NXP Semiconductors BLV950 Datasheet HTML 12Page - NXP Semiconductors BLV950 Datasheet HTML 13Page - NXP Semiconductors BLV950 Datasheet HTML 14Page - NXP Semiconductors BLV950 Datasheet HTML 15Page - NXP Semiconductors BLV950 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
1997 Oct 27
12
Philips Semiconductors
Product specification
UHF push-pull power transistor
BLV950
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT262A2
97-06-28
0
5
10 mm
scale
Flanged double-ended ceramic package; 2 mounting holes; 4 leads
SOT262A2
p
A
F
b
e
D
q
U1
H1
U2
H
Q
c
5
12
4
3
E
E1
C
A
w1
AB
M
B
M
w3
M
w2
C
UNIT
A
mm
D
b
5.85
5.58
0.16
0.10
21.98
21.71
11.05
10.29
10.03
20.58
20.06
9.91
9.65
5.39
4.62
c
e
U2
0.25
0.51
1.02
w3
27.94
qw2
w1
F
1.78
1.52
U1
34.17
33.90
H1
17.02
16.51
p
3.28
3.02
Q
2,47
2.20
EE1
10.27
10.05
inches
0.230
0.220
0.006
0.004
0.865
0.855
0.435
0.405
0.396
0.81
0.79
0.390
0.380
0.212
0.182
0.01
0.02
0.04
1.100
0.070
0.060
1.345
1.335
0.67
0.65
0.129
0.119
0.097
0.087
0.404
0.395
H
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com