Electronic Components Datasheet Search
  English  ▼

X  

BLV950 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLV950
Description  UHF push-pull power transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV950 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLV950 Datasheet HTML 1Page - NXP Semiconductors BLV950 Datasheet HTML 2Page - NXP Semiconductors BLV950 Datasheet HTML 3Page - NXP Semiconductors BLV950 Datasheet HTML 4Page - NXP Semiconductors BLV950 Datasheet HTML 5Page - NXP Semiconductors BLV950 Datasheet HTML 6Page - NXP Semiconductors BLV950 Datasheet HTML 7Page - NXP Semiconductors BLV950 Datasheet HTML 8Page - NXP Semiconductors BLV950 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1997 Oct 27
3
Philips Semiconductors
Product specification
UHF push-pull power transistor
BLV950
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
Note
1. Total device; both sections equally loaded; thermal resistance is determined under specified RF operating
conditions.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per transistor section
VCBO
collector-base voltage
open emitter
−
70
V
VCEO
collector-emitter voltage
open base
−
30
V
VEBO
emitter-base voltage
open collector
−
3V
IC
collector current (DC)
−
12
A
IC(AV)
average collector current
−
12
A
Ptot
total power dissipation (DC)
Tmb =25 °C
−
340
W
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
−
200
°C
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
Rth j-mb
thermal resistance from junction to
mounting base
Ptot = 340 W; Tmb =25 °C; note 1
0.52
K/W
Rth mb-h
thermal resistance from mounting
base to heatsink
0.15
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com