Electronic Components Datasheet Search
  English  ▼

X  

INA351A Datasheet(PDF) 11 Page - Texas Instruments

Part # INA351A
Description  INA351A - Low Power, 1.8-V to 5.5-V Small-Size Instrumentation Amplifier with Configurable Reference Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA351A Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA351A Datasheet HTML 7Page - Texas Instruments INA351A Datasheet HTML 8Page - Texas Instruments INA351A Datasheet HTML 9Page - Texas Instruments INA351A Datasheet HTML 10Page - Texas Instruments INA351A Datasheet HTML 11Page - Texas Instruments INA351A Datasheet HTML 12Page - Texas Instruments INA351A Datasheet HTML 13Page - Texas Instruments INA351A Datasheet HTML 14Page - Texas Instruments INA351A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = (V+) – (V–) = 5.5 V, VIN = (VIN+) – (VIN–) = 0 V, RL = 10 kΩ, CL = 10 pF, VREF = VS / 2, VCM = [(VIN+) +
(VIN–)] / 2 = VS / 2, VOUT = VS / 2, VA_IN+ = VS / 2, VA_OUT = VA_IN- and G = 10 (unless otherwise noted)
Frequency (Hz)
-20
-5
10
25
40
55
10
100
1k
10k
100k
1M
AA01
AAA0
G = 10
Figure 7-25. Closed-Loop Gain vs Frequency
Frequency (Hz)
15
30
45
60
75
90
105
120
10
100
1k
10k
100k
1M
AA02
G = 10
Figure 7-26. CMRR (Referred to Input) vs Frequency
Frequency (Hz)
0
20
40
60
80
100
120
10
100
1k
10k
100k
1M
AA04
G = 10
Figure 7-27. PSRR+ (Referred to Input) vs Frequency
Frequency (Hz)
0
20
40
60
80
100
120
10
100
1k
10k
100k
1M
AA05
G = 10
Figure 7-28. PSRR– (Referred to Input) Vs Frequency
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
AA06
G = 10
Figure 7-29. Input Referred Voltage Noise Spectral Density
Time (1s/div)
-3
-2.4
-1.8
-1.2
-0.6
0
0.6
1.2
1.8
2.4
3
A10_
Figure 7-30. 0.1 Hz to 10 Hz Voltage Noise in Time Domain
www.ti.com
INA351A
SBOSAG2 – JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: INA351A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com