Electronic Components Datasheet Search
  English  ▼

X  

INA351A Datasheet(PDF) 24 Page - Texas Instruments

Part # INA351A
Description  INA351A - Low Power, 1.8-V to 5.5-V Small-Size Instrumentation Amplifier with Configurable Reference Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA351A Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA351A Datasheet HTML 20Page - Texas Instruments INA351A Datasheet HTML 21Page - Texas Instruments INA351A Datasheet HTML 22Page - Texas Instruments INA351A Datasheet HTML 23Page - Texas Instruments INA351A Datasheet HTML 24Page - Texas Instruments INA351A Datasheet HTML 25Page - Texas Instruments INA351A Datasheet HTML 26Page - Texas Instruments INA351A Datasheet HTML 27Page - Texas Instruments INA351A Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
9.2.1.1 Design Requirements
For this application, the design requirements are provided in Table 9-1.
Table 9-1. Design Requirements
DESCRIPTION
VALUE
Single supply voltage
VS = 5.0 V
Excitation voltage
VEXT = 5.0 V
Occlusion pressure range
P = 1 psi to 12 psi, increments of P = 0.5 psi
Occlusion pressure sensitivity
S = 2 ±0.5 (25%) mV/V/psi
Occlusion pressure impedance (R)
R = 4.99 kΩ ±50 Ω (0.1%)
Total pressure sampling rate
Sr = 20 Hz
ADC supply voltage
VADC(fs) = 5.0 V
Full-scale range of ADC
VOUT = 0.25 V to 4.75 V to avoid saturation
9.2.1.2 Detailed Design Procedure
This section provides basic calculations to lay out the instrumentation amplifier with respect to the given design
requirements.
One of the key considerations in resistive-bridge sensors is the common-mode voltage, VCM. If the bridge
is balanced (no pressure, thus no voltage change), VCM(zero) is half of the bridge excitation (VEXT). In this
example VCM (zero) is 2.5 V. For the maximum pressure of 12 psi, the bridge common-mode voltage, VCM(MAX), is
calculated by:
VCMMAX = VDIFF2 + VCMzero
(1)
where
VDIFF=SMAX × VEXT × PMAX = 2.5  mVV× psi × 5 V × 12 psi = 150 mV
(2)
Thus, the maximum common-mode voltage applied results in:
VCMMAX =150 mV2+ 2.5 V=2.575 V
(3)
Similarly, the minimum common-mode voltage can be calculated as,
VCMMIN =−150 mV2+ 2.5 V=2.425 V
(4)
The next step is to calculate the gain required for the given maximum sensor output voltage span, VDIFF, in
respect to the required VOUT swing of maximum 4.75V to avoid saturating the amplifier and the ADC running at
5V supply.
The following equation calculates the gain value using the maximum input voltage and the required output
voltage:
G= VOUT
VDIFFMAX = 2.25 V
150 mV=15 V/V
(5)
Considering, INA351A is an INA in G = 10, an additional gain stage in G = 1.5 is added.
Next, let us make sure that the INA351A can operate within this range checking the Input Common-Mode
Voltage vs Output Voltage curves in the Typical Characteristics section. The relevant figure is also in this section
for convenience. Looking at Figure 9-5, we can confirm that a output signal swing of 3 V is supported for the
input signal swing between 2.425 V and 2.575 V, thus making sure of the linear operation.
INA351A
SBOSAG2 – JUNE 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA351A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com