Electronic Components Datasheet Search
  English  ▼

X  

INA351A Datasheet(PDF) 3 Page - Texas Instruments

Part # INA351A
Description  INA351A - Low Power, 1.8-V to 5.5-V Small-Size Instrumentation Amplifier with Configurable Reference Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA351A Datasheet(HTML) 3 Page - Texas Instruments

  INA351A Datasheet HTML 1Page - Texas Instruments INA351A Datasheet HTML 2Page - Texas Instruments INA351A Datasheet HTML 3Page - Texas Instruments INA351A Datasheet HTML 4Page - Texas Instruments INA351A Datasheet HTML 5Page - Texas Instruments INA351A Datasheet HTML 6Page - Texas Instruments INA351A Datasheet HTML 7Page - Texas Instruments INA351A Datasheet HTML 8Page - Texas Instruments INA351A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
5 Device Comparison Table
DEVICE
NO. OF
CHANNELS
PACKAGE LEADS
WSON
DSG
INA351A
1
8
6 Pin Configuration and Functions
1
A_OUT
8
A_IN–
2
IN–
7
V+
3
IN+
6
OUT
4
V–
5
A_IN+
Not to scale
Thermal
Pad
Note: Connect Thermal Pad to (V−)
Figure 6-1. DSG Package,
8-Pin WSON With Exposed Thermal Pad
(Top View)
Table 6-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
IN–
2
I
Instrumentation amplifier negative (inverting) input
IN+
3
I
Instrumentation amplifier positive (non-inverting) input
OUT
6
O
Instrumentation amplifier output
A_IN+
5
I
Reference amplifier positive (non-inverting) input. This pin usually connects to a reference
voltage externally.
A_OUT
1
O
Reference amplifier output. This is connected internally to the 60 kΩ resistor of the INA
which is also called as REF node.
A_IN–
8
I
Reference amplifier negative (inverting) input.
V–
4
—
Negative supply
V+
7
—
Positive supply
(1)
I = input, O = output
www.ti.com
INA351A
SBOSAG2 – JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA351A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com