Electronic Components Datasheet Search
  English  ▼

X  

INA351A Datasheet(PDF) 21 Page - Texas Instruments

Part # INA351A
Description  INA351A - Low Power, 1.8-V to 5.5-V Small-Size Instrumentation Amplifier with Configurable Reference Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA351A Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA351A Datasheet HTML 17Page - Texas Instruments INA351A Datasheet HTML 18Page - Texas Instruments INA351A Datasheet HTML 19Page - Texas Instruments INA351A Datasheet HTML 20Page - Texas Instruments INA351A Datasheet HTML 21Page - Texas Instruments INA351A Datasheet HTML 22Page - Texas Instruments INA351A Datasheet HTML 23Page - Texas Instruments INA351A Datasheet HTML 24Page - Texas Instruments INA351A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
5 V
OUT
INA351A
IN+
IN–
A_IN+
A_IN–
A_OUT
100 k
1 µF
5 V
100 k
INA output with
calibrated offset
R1
R2
C2
Figure 9-2. INA351A in Servo-Loop Calibration Configuration
9.1.2 Input Bias Current Return Path
The input impedance of the INA351A is extremely high, but a path must be provided for the input bias current of
both inputs. This input bias current is typically a few pico amps but at high temperature this can be a few nano
amps. High input impedance means that the input bias current changes little with varying input voltage.
For proper operation, input circuitry must provide a path for this input bias current. Figure 9-3 shows various
provisions for an input bias current path. Without a bias current path, the inputs float to a potential that exceeds
the common-mode range of the INA351A, and the input amplifiers saturate. If the differential source resistance
is low, the bias current return path connects to one input (as shown in the thermocouple example in Figure
9-3). With a higher source impedance, use two equal resistors to provide a balanced input, with the possible
advantages of a lower input offset voltage as a result of bias current, and better high-frequency common-mode
rejection.
www.ti.com
INA351A
SBOSAG2 – JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA351A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com