Electronic Components Datasheet Search
  English  ▼

X  

BLW98 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLW98
Description  UHF linear power transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW98 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLW98 Datasheet HTML 1Page - NXP Semiconductors BLW98 Datasheet HTML 2Page - NXP Semiconductors BLW98 Datasheet HTML 3Page - NXP Semiconductors BLW98 Datasheet HTML 4Page - NXP Semiconductors BLW98 Datasheet HTML 5Page - NXP Semiconductors BLW98 Datasheet HTML 6Page - NXP Semiconductors BLW98 Datasheet HTML 7Page - NXP Semiconductors BLW98 Datasheet HTML 8Page - NXP Semiconductors BLW98 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
August 1986
5
Philips Semiconductors
Product specification
UHF linear power transistor
BLW98
CHARACTERISTICS
Tj =25 °C unless otherwise specified
Notes
1. Measured under pulse conditions: tp ≤ 300 µs; δ≤ 0,02.
2. Measured under pulse conditions: tp ≤ 50 µs; δ≤ 0,01.
Collector-emitter breakdown voltage
VBE = 0; IC = 10 mA
V(BR)CES
>
50 V
open base, IC = 25 mA
V(BR)CEO
>
27 V
Emitter-base breakdown voltage
open collector, IE = 5 mA
V(BR)EBO
>
3,5 V
D.C. current gain(1)
>
typ.
15
40
IC = 850 mA; VCE = 25 V
hFE
Collector-emitter saturation voltage(1)
IC = 500 mA; IB = 100 mA
VCEsat
typ.
0,25 V
Transition frequency at f = 500 MHz(2)
−IE = 850 mA; VCB = 25 V
fT
typ.
2,5 GHz
Collector capacitance at f = 1 MHz
typ.
<
24
30
pF
pF
IE =Ie = 0; VCB = 25 V
Cc
Feedback capacitance at f = 1 MHz
IC = 50 mA; VCE = 25 V
Cre
typ.
15 pF
Collector-stud capacitance
Ccs
typ.
1,2 pF
Fig.5 Typical values; VCE = 25 V.
handbook, halfpage
2
0.5
1
1.5
10
1
10−1
10−2
MGP720
Th = 70 °C
25
°C
IC
(A)
VBE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com