Electronic Components Datasheet Search
  English  ▼

X  

BLW98 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BLW98
Description  UHF linear power transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW98 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BLW98 Datasheet HTML 5Page - NXP Semiconductors BLW98 Datasheet HTML 6Page - NXP Semiconductors BLW98 Datasheet HTML 7Page - NXP Semiconductors BLW98 Datasheet HTML 8Page - NXP Semiconductors BLW98 Datasheet HTML 9Page - NXP Semiconductors BLW98 Datasheet HTML 10Page - NXP Semiconductors BLW98 Datasheet HTML 11Page - NXP Semiconductors BLW98 Datasheet HTML 12Page - NXP Semiconductors BLW98 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
August 1986
10
Philips Semiconductors
Product specification
UHF linear power transistor
BLW98
1. Three-tone test method (vision carrier
−8 dB, sound carrier −7 dB, sideband signal −16 dB), zero dB corresponds to
peak sync level.
Intermodulation distortion of input signal
≤−75 dB.
2. Two-tone test method (vision carrier 0 dB, sound carrier
−7 dB), zero dB corresponds to peak sync level.
Cross-modulation distortion (dcm) is the voltage variation (%) of sound carrier when vision carrier is switched from
0 dB to
−20 dB.
Fig.11 Intermodulation distortion (dim)(1.) and cross-modulation distortion (dcm)(2.) as a function of Po sync.
Typical values; VCE = 25 V; IC = 850 mA;− − −Th =25 °C;Th =70 °C; fvision = 860 MHz.
handbook, full pagewidth
10
−50
−65
02
8
MGP726
46
−60
−55
dim
(dB)
15
0
5
10
dcm
(%)
dim
dcm
Po sync (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com