Electronic Components Datasheet Search
  English  ▼

X  

BLW98 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLW98
Description  UHF linear power transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW98 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLW98 Datasheet HTML 4Page - NXP Semiconductors BLW98 Datasheet HTML 5Page - NXP Semiconductors BLW98 Datasheet HTML 6Page - NXP Semiconductors BLW98 Datasheet HTML 7Page - NXP Semiconductors BLW98 Datasheet HTML 8Page - NXP Semiconductors BLW98 Datasheet HTML 9Page - NXP Semiconductors BLW98 Datasheet HTML 10Page - NXP Semiconductors BLW98 Datasheet HTML 11Page - NXP Semiconductors BLW98 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
August 1986
8
Philips Semiconductors
Product specification
UHF linear power transistor
BLW98
List of components:
C1
= C2 = 1,4 to 5,5 pF film dielectric trimmer (cat. no. 2222 809 09001)
C3
= C4 = 100 nF polyester capacitor
C5
= C6 = 1 nF feed-through capacitor
C7
= 5,6 pF ceramic capacitor
C8
= 2 to 18 pF film dielectric trimmer (cat. no. 2222 809 09003)
C9
= 2 to 9 pF film dielectric trimmer (cat. no. 2222 809 09002)
C10 = 10
µF/40 V solid aluminium electrolytic capacitor
C11 = 470 nF polyester capacitor
C12 = 2
× 3,3 pF chip capacitors (in parallel)
R1
= 150
Ω carbon resistor (0,25 W)
R5 = 4
× 12 Ω carbon resistors in parallel (1 W each)
R2
= 1,8 k
Ω carbon resistor (0,5 W)
R6 = 1 k
Ω carbon resistor (0,25 W)
R3
= 33
Ω carbon resistor (0,5 W)
R7 = 220
Ω carbon potentiometer (0,25 W)
R4
= 220
Ω carbon resistor (1 W)
L1
=
stripline (13,6 mm
× 6,9 mm)
L2
= microchoke 0,47
µH (cat. no. 4322 057 04770)
L3
= 1 turn Cu wire (1 mm); internal diameter 5,5 mm; leads 2
× 5 mm
L4
=
stripline (40,8 mm
× 6,9 mm)
L1 and L4 are striplines on a double Cu-clad printed-circuit board with PTFE fibre-glass dielectric (
ε
r = 2,74);
thickness 1,5 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com