Electronic Components Datasheet Search
  English  ▼

X  

BLW98 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLW98
Description  UHF linear power transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW98 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLW98 Datasheet HTML 1Page - NXP Semiconductors BLW98 Datasheet HTML 2Page - NXP Semiconductors BLW98 Datasheet HTML 3Page - NXP Semiconductors BLW98 Datasheet HTML 4Page - NXP Semiconductors BLW98 Datasheet HTML 5Page - NXP Semiconductors BLW98 Datasheet HTML 6Page - NXP Semiconductors BLW98 Datasheet HTML 7Page - NXP Semiconductors BLW98 Datasheet HTML 8Page - NXP Semiconductors BLW98 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
August 1986
4
Philips Semiconductors
Product specification
UHF linear power transistor
BLW98
Example
Nominal class-A operation (without r.f. signal): VCE = 25 V; IC = 850 mA; Th =70 °C.
Fig.4 shows:
Rth j-h
max. 6,05 K/W
Tj
max.
200
°C
Typical device: Rth j-h
typ.
5,35 K/W
Tj
typ.
183
°C
Fig.4
Maximum thermal resistance from junction to heatsink as a function of power dissipation, with heatsink
and junction temperature as parameters. (Rth mb-h = 0,6 K/W.)
handbook, full pagewidth
45
6.5
4
515
35
MGP719
25
5
4.5
5.5
6
Rth j-h
(K/W)
Ptot (W)
Th = 120 °C
60
°C
40
°C
20
°C
0
°C
Tj = 200 °C
100
°C
175
°C
125
°C
75
°C
150
°C
100
°C
80
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com