Electronic Components Datasheet Search
  English  ▼

X  

BLW98 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLW98
Description  UHF linear power transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW98 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLW98 Datasheet HTML 3Page - NXP Semiconductors BLW98 Datasheet HTML 4Page - NXP Semiconductors BLW98 Datasheet HTML 5Page - NXP Semiconductors BLW98 Datasheet HTML 6Page - NXP Semiconductors BLW98 Datasheet HTML 7Page - NXP Semiconductors BLW98 Datasheet HTML 8Page - NXP Semiconductors BLW98 Datasheet HTML 9Page - NXP Semiconductors BLW98 Datasheet HTML 10Page - NXP Semiconductors BLW98 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
August 1986
7
Philips Semiconductors
Product specification
UHF linear power transistor
BLW98
APPLICATION INFORMATION
R.F. performance in u.h.f. class-A operation (linear power amplifier)
Note
1. Three-tone test method (vision carrier
−8 dB, sound carrier −7 dB, sideband signal −16 dB), zero dB corresponds to
peak sync level.
fvision (MHz)
VCE (V)
IC (mA)
Th (°C)
dim(dB)(1)
Po sync (W)(1)
GP (dB)
860
25
850
70
−60
>
3,5
>
6,5
860
25
850
70
−60
typ.
3,8
typ.
7,0
860
25
850
25
−60
typ.
4,4
typ.
7,0
Fig.9 Class-A test circuit at fvision = 860 MHz.
handbook, full pagewidth
MGP724
50
Ω
50
Ω
L1
T.U.T.
C1
C2
R2
C3
C5
C6
C10
C11
R1
R7
R5
+VS
R4
C7
R3
R6
BY206
BD136
C12
L2
L3
C9
VSWR output
<
VSWR input
< 1.1
C4
L4
C8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com