Electronic Components Datasheet Search
  English  ▼

X  

ADF4193 Datasheet(PDF) 22 Page - Analog Devices

Part # ADF4193
Description  Low Phase Noise, Fast Settling PLL Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4193 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADF4193 Datasheet HTML 18Page - Analog Devices ADF4193 Datasheet HTML 19Page - Analog Devices ADF4193 Datasheet HTML 20Page - Analog Devices ADF4193 Datasheet HTML 21Page - Analog Devices ADF4193 Datasheet HTML 22Page - Analog Devices ADF4193 Datasheet HTML 23Page - Analog Devices ADF4193 Datasheet HTML 24Page - Analog Devices ADF4193 Datasheet HTML 25Page - Analog Devices ADF4193 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADF4193
Rev. B | Page 22 of 28
PROGRAMMING
The ADF4193 can synthesize output frequencies with a channel
step or resolution that is a fraction of the input reference frequency.
For a given input reference frequency and a desired output
frequency step, the first choice to make is the PFD reference
frequency and the MOD. Once these are chosen, the desired
output frequency channels are set by programming the INT
and FRAC values.
WORKED EXAMPLE
In this example of a GSM900 RX system, it is required to
generate RF output frequencies with channel steps of 200 kHz.
A 104 MHz reference frequency input (REFIN) is available. The
R divider setting that set the PFD reference is shown in
Equation 1.
FPFD = REFIN × [(1 + D)/(R × (1 + T))]
(1)
where:
REFIN is the input reference frequency.
D is the doubler enable bit (0 or 1).
R is the 4-bit R counter code (0…15).
T is the REF/2 bit (0 or 1).
The maximum PFD reference frequency of 26 MHz is chosen
and the following settings are programmed to give an R divider
value of 4:
Doubler enable = 0
R = 2
REF/2 = 1
Next, the modulus is chosen to allow fractional steps of 200 kHz.
MOD = 26 MHz/200 kHz = 130
(2)
Once the channel step is defined, the following equation shows
how output frequency channels are programmed:
RFOUT = [INT + (FRAC/MOD] × [FPFD]
(3)
where:
RFOUT is the desired RF output frequency.
INT is the integer part of the division.
FRAC is the numerator part of the fractional division.
MOD is the modulus or denominator part of the fractional
division.
For example, the frequency channel at 962.4 MHz is synthesized
by programming the following values:
INT = 37
FRAC = 2
SPUR MECHANISMS
The Fractional Spurs, Integer Boundary Spurs, and Reference
Spurs sections describe the three different spur mechanisms
that arise with a fractional-N synthesizer and how the ADF4193
can be programmed to minimize them.
Fractional Spurs
The fractional interpolator in the ADF4193 is a third-order, Σ-Δ
modulator (SDM) with a modulus (MOD) that is programmable to
any integer value from 13 to 4095. If dither is enabled, then the
minimum allowed value of MOD is 50. The SDM is clocked at
the PFD reference rate (fPFD) that allows PLL output frequencies
to be synthesized at a channel step resolution of fPFD/MOD.
With dither turned off, the quantization noise from the Σ-Δ
modulator appears as fractional spurs. The interval between
spurs is fPFD/L, where L is the repeat length of the code sequence
in the digital Σ-Δ modulator. For the third-order modulator
used in the ADF4193, the repeat length depends on the value of
MOD, as shown in Table 7.
Table 7. Fractional Spurs with Dither Off
Condition (Dither Off)
Repeat Length
Spur Interval
If MOD is divisible by 2,
but not 3
2 × MOD
Channel step/2
If MOD is divisible by 3,
but not 2
3 × MOD
Channel step/3
If MOD is divisible by 6
6 × MOD
Channel step/6
Otherwise
MOD
Channel step
With dither enabled, the repeat length is extended to 221 cycles,
regardless of the value of MOD, which makes the quantization
error spectrum look like broadband noise. This can degrade the
in-band phase noise at the PLL output by as much as 10 dB.
Therefore, for the lowest noise, dither off is a better choice,
particularly when the final loop BW is low enough to attenuate
even the lowest frequency fractional spur. The wide loop
bandwidth range available with the ADF4193 makes this
possible in most applications.
Integer Boundary Spurs
Another mechanism for fractional spur creation involves
interactions between the RF VCO frequency and the reference
frequency. When these frequencies are not integer related, spur
sidebands appear on the VCO output spectrum at an offset
frequency that corresponds to the beat note or difference
frequency between an integer multiple of the reference and the
VCO frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com