Electronic Components Datasheet Search
  English  ▼

X  

ADF4193 Datasheet(PDF) 26 Page - Analog Devices

Part # ADF4193
Description  Low Phase Noise, Fast Settling PLL Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4193 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADF4193 Datasheet HTML 20Page - Analog Devices ADF4193 Datasheet HTML 21Page - Analog Devices ADF4193 Datasheet HTML 22Page - Analog Devices ADF4193 Datasheet HTML 23Page - Analog Devices ADF4193 Datasheet HTML 24Page - Analog Devices ADF4193 Datasheet HTML 25Page - Analog Devices ADF4193 Datasheet HTML 26Page - Analog Devices ADF4193 Datasheet HTML 27Page - Analog Devices ADF4193 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
ADF4193
Rev. B | Page 26 of 28
ADI SimPLL SUPPORT
The ADF4193 loop filter design is supported on ADI SimPLL
v2.7 or later. Example files for popular applications are available
for download from the applications section of the ADF4193
product page.
Also available is a technical note (ADF4193-TN-001) that
outlines a loop filter design procedure that takes full advantage
of the new degree of freedom in the filter design that the
differential amplifier and loop filter switches provide.
RSET
23
MUXOUT
16
SW2
27
SWGND
28
SW1
29
CPOUT+
30
CPOUT–
26
REFIN
11
RFIN–
5
RFIN+
6
CLK
17
SDGND
14
AGND
4, 22
DGND
9, 12, 21
LOCK DETECT OUT
DATA
18
LE
19
REFERENCE
104MHz, +5dBm
ADF4193
SVD VDD
15
DVDD
8, 10, 13
VP1
20
VP2
24
AVDD
7
VP3
32
RSET
2.40kΩ
AIN+
AIN–
31
25
3
2
AOUT
SW3
INTEGRATED
DIFFERENTIAL
AMPLIFIER
C1B
120pF
C1A
120pF
C3
470pF
100nF
1
CMR
Ct
30pF
R1B1
820Ω
R1B2
6.20kΩ
R1A2
6.20kΩ
R1A2
820Ω
C2B
1.20nF
C2A
1.20nF
R3
62Ω
R2
1.80kΩ
L1
2.2mH
SIRENZA VCO190-1843T
38MHz/V
100pF
100pF
1nF
1nF
51Ω
51Ω
100nF
10µF
+
10µF
+
100nF
100nF
100nF
100pF
10µF
+
100nF
100nF
3V
5V
5.5V
10pF
100pF
18Ω 18Ω
18Ω
RF OUT
Figure 36. Local Oscillator for DCS1800 Tx Using the ADF4193



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com