Electronic Components Datasheet Search
  English  ▼

X  

ADF4193 Datasheet(PDF) 27 Page - Analog Devices

Part # ADF4193
Description  Low Phase Noise, Fast Settling PLL Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4193 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADF4193 Datasheet HTML 20Page - Analog Devices ADF4193 Datasheet HTML 21Page - Analog Devices ADF4193 Datasheet HTML 22Page - Analog Devices ADF4193 Datasheet HTML 23Page - Analog Devices ADF4193 Datasheet HTML 24Page - Analog Devices ADF4193 Datasheet HTML 25Page - Analog Devices ADF4193 Datasheet HTML 26Page - Analog Devices ADF4193 Datasheet HTML 27Page - Analog Devices ADF4193 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
ADF4193
Rev. B | Page 27 of 28
INTERFACING
The ADF4193 has a simple SPI®-compatible serial interface for
writing to the device. CLK, DATA, and LE control the data
transfer. When LE goes high, the 24 bits that have been clocked
into the input register on each rising edge of CLK are latched
into the appropriate register. See Figure 2 for the timing
diagram and Table 5 for the register address table.
The maximum allowable serial clock rate is 33 MHz.
ADuC812 Interface
Figure 37 shows the interface between the ADF4193 and the
ADuC812 MicroConverter®. Because the ADuC812 is based on
an 8051 core, this interface can be used with any 8051-based
microcontroller. The MicroConverter is set up for SPI master
mode with CPHA = 0. To initiate the operation, the I/O port
driving LE is brought low. Some registers of the ADF4193
require a 24-bit programming word. This is accomplished by
writing three 8-bit bytes from the MicroConverter to the device.
When the third byte is written, the LE input should be brought
high to complete the transfer.
An I/O port line on the ADuC812 can also be used to detect
lock (MUXOUT configured as lock detect and polled by the
port input).
ADuC812
ADF4193
SCLOCK
CLK
DATA
LE
MUXOUT
(LOCK DETECT)
MOSI
I/O PORTS
Figure 37. ADuC812 to ADF4193 Interface
ADSP-21xx Interface
Figure 38 shows the interface between the ADF4193 and the
ADSP-21xx digital signal processor. The ADF4193 needs a
24-bit serial word for some writes. The easiest way to accom-
plish this using the ADSP-21xx family is to use the autobuffered
transmit mode of operation with alternate framing. This
provides a means for transmitting an entire block of serial data
before an interrupt is generated. Set up the word length for
eight bits and use three memory locations for each 24-bit word.
To program each 24-bit word, store the three 8-bit bytes, enable
the autobuffered mode, and then write to the transmit register
of the DSP. This last operation initiates the autobuffer transfer.
ADSP-21xx
ADF4193
SCLK
CLK
DATA
LE
MUXOUT
(LOCK DETECT)
DT
TFS
I/O FLAGS
Figure 38. ADSP-21xx to ADF4193 Interface
PCB DESIGN GUIDELINES FOR CHIP SCALE
PACKAGE
The lands on the chip scale package (CP-32-3) are rectangular.
The printed circuit board (PCB) pad for these should be
0.1 mm longer than the package land length and 0.05 mm wider
than the package land width. The land should be centered on
the pad. This ensures that the solder joint size is maximized.
The bottom of the chip scale package has a central thermal pad.
The thermal pad on the PCB should be at least as large as the
exposed pad. On the PCB, there should be a clearance of at least
0.25 mm between the thermal pad and the inner edges of the
pad pattern. This ensures that shorting is avoided.
Thermal vias can be used on the PCB thermal pad to improve
the thermal performance of the package. If vias are used, they
should be incorporated in the thermal pad at 1.2 mm pitch grid.
The via diameter should be between 0.3 mm and 0.33 mm, and
the via barrel should be plated with one ounce copper to plug
the via.
The user should connect the PCB thermal pad to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com