Electronic Components Datasheet Search
  English  ▼

X  

ADF4251 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF4251
Description  Dual Fractional-N/Integer-N Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4251 Datasheet(HTML) 4 Page - Analog Devices

  ADF4251 Datasheet HTML 1Page - Analog Devices ADF4251 Datasheet HTML 2Page - Analog Devices ADF4251 Datasheet HTML 3Page - Analog Devices ADF4251 Datasheet HTML 4Page - Analog Devices ADF4251 Datasheet HTML 5Page - Analog Devices ADF4251 Datasheet HTML 6Page - Analog Devices ADF4251 Datasheet HTML 7Page - Analog Devices ADF4251 Datasheet HTML 8Page - Analog Devices ADF4251 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
REV. 0
–4–
ADF4251
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADF4251 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
PIN CONFIGURATION
PIN 1
INDICATOR
TOP VIEW
(Not to Scale)
18 CPGND2
17 DVDD
16 IFINA
15 IFINB
CPRF 1
CPGND1 2
RFINA 3
14 AGND2
13 RSET
RFINB 4
AGND1 5
MUXOUT 6
ADF4251
ORDERING GUIDE
Model
Temperature Range
Package Option
*
ADF4251BCP
–40ºC to +85ºC
CP-24
ADF4251BCP-REEL
–40ºC to +85ºC
CP-24
ADF4251BCP-REEL7
–40ºC to +85ºC
CP-24
*CP = Lead Frame Chip Scale Package
ABSOLUTE MAXIMUM RATINGS
1, 2
(TA = 25°C, unless otherwise noted.)
VDD1, VDD2, VDD3, DVDD to GND
3
. . . . . . . . –0.3 V to +4 V
REFIN, RFINA, RFINB to GND . . . . . . –0.3 V to VDD + 0.3 V
VP1, VP2 to GND . . . . . . . . . . . . . . . . . . . . . –0.3 V to +5.8 V
VP1, VP2 to VDD1 . . . . . . . . . . . . . . . . . . . . . –3.3 V to +3.5 V
Digital I/O Voltage to GND . . . . . . . . –0.3 V to VDD + 0.3 V
Analog I/O Voltage to GND . . . . . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . –40°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 150°C
LFCSP JA Thermal Impedance . . . . . . . . . . . . . . . . 122°C/W
Soldering Reflow Temperature
Vapor Phase (60 sec max) . . . . . . . . . . . . . . . . . . . . . 240°C
IR Reflow (20 sec max) . . . . . . . . . . . . . . . . . . . . . . . 240°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2This device is a high performance RF integrated circuit with an ESD rating
of <2 k
W, and it is ESD sensitive. Proper precautions should be taken for handling
and assembly.
3GND = CP
GND1, AGND1, DGND, AGND2, and CPGND2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com