Electronic Components Datasheet Search
  English  ▼

X  

ADF4251 Datasheet(PDF) 27 Page - Analog Devices

Part # ADF4251
Description  Dual Fractional-N/Integer-N Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4251 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADF4251 Datasheet HTML 20Page - Analog Devices ADF4251 Datasheet HTML 21Page - Analog Devices ADF4251 Datasheet HTML 22Page - Analog Devices ADF4251 Datasheet HTML 23Page - Analog Devices ADF4251 Datasheet HTML 24Page - Analog Devices ADF4251 Datasheet HTML 25Page - Analog Devices ADF4251 Datasheet HTML 26Page - Analog Devices ADF4251 Datasheet HTML 27Page - Analog Devices ADF4251 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
REV. 0
ADF4251
–27–
OUTLINE DIMENSIONS
24-Lead Frame Chip Scale Package [LFCSP]
4 mm
4 mm Body
(CP-24)
Dimensions shown in millimeters
1
24
6
7
13
19
18
BOTTOM
VIEW
12
2.25
1.70
0.75
0.60 MAX
0.50
0.40
0.30
0.30
0.23
0.18
2.50
REF
0.50
BSC
12 MAX
1.00 MAX
0.65 NOM
0.05 MAX
0.02 NOM
1.00
0.90
0.85
SEATING
PLANE
PIN 1
INDICATOR
TOP
VIEW
3.75
BSC SQ
4.0
BSC SQ
0.25
MIN
PIN 1
INDICATOR
0.25
REF
COMPLIANT TO JEDEC STANDARDS MO-220-VGGD-2
0.60 MAX
COPLANARITY
0.08
SQ
0.20 REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com