Electronic Components Datasheet Search
  English  ▼

X  

ADF4251 Datasheet(PDF) 17 Page - Analog Devices

Part # ADF4251
Description  Dual Fractional-N/Integer-N Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4251 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF4251 Datasheet HTML 13Page - Analog Devices ADF4251 Datasheet HTML 14Page - Analog Devices ADF4251 Datasheet HTML 15Page - Analog Devices ADF4251 Datasheet HTML 16Page - Analog Devices ADF4251 Datasheet HTML 17Page - Analog Devices ADF4251 Datasheet HTML 18Page - Analog Devices ADF4251 Datasheet HTML 19Page - Analog Devices ADF4251 Datasheet HTML 20Page - Analog Devices ADF4251 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
REV. 0
ADF4251
–17–
Table VI. Master Register Map
P11
0
1
P12
0
THIS BIT SHOULD BE SET TO “0” FOR
NORMAL OPERATION.
P10
0
1
P9
0
1
0
0
0
0
LOGIC LOW
0
0
0
1
IF ANALOG LOCK DETECT
0
0
1
0
IF R DIVIDER OUTPUT
0
0
1
1
IF N DIVIDER OUTPUT
0
1
0
0
RF ANALOG LOCK DETECT
0
1
0
1
RF/IF ANALOG LOCK DETECT
0
1
1
0
IF DIGITAL LOCK DETECT
0
1
1
1
LOGIC HIGH
1
0
0
0
RF R DIVIDER OUTPUT
1
0
0
1
RF N DIVIDER OUTPUT
1
0
1
0
THREE-STATE OUTPUT
1
0
1
1
LOGIC LOW
1
1
0
0
RF DIGITAL LOCK DETECT
1
1
0
1
RF/IF DIGITAL LOCK DETECT
1
1
1
0
LOGIC HIGH
1
1
1
1
LOGIC LOW
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C2 (1)
C1 (1)
P9
P10
P11
M1
M2
M3
M4
CONTROL
BITS
MUXOUT
C3 (0)
MUXOUT
M1
M2
M3
M4
COUNTER RESET
DISABLED
ENABLED
CP THREE-STATE
DISABLED
THREE-STATE
POWER-DOWN
DISABLED
ENABLED
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com