Electronic Components Datasheet Search
  English  ▼

X  

ADF4251 Datasheet(PDF) 10 Page - Analog Devices

Part # ADF4251
Description  Dual Fractional-N/Integer-N Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4251 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4251 Datasheet HTML 6Page - Analog Devices ADF4251 Datasheet HTML 7Page - Analog Devices ADF4251 Datasheet HTML 8Page - Analog Devices ADF4251 Datasheet HTML 9Page - Analog Devices ADF4251 Datasheet HTML 10Page - Analog Devices ADF4251 Datasheet HTML 11Page - Analog Devices ADF4251 Datasheet HTML 12Page - Analog Devices ADF4251 Datasheet HTML 13Page - Analog Devices ADF4251 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
REV. 0
–10–
ADF4251
FREQUENCY – GHz
0
–35
06
1
2345
–5
–10
–15
–25
–30
–20
PRESCALER = 4/5
PRESCALER = 8/9
TPC 19. RF Input Sensitivity
IF INPUT FREQUENCY – GHz
0
5
35
–0.4
1.6
0.1
0.6
1.1
15
20
25
30
10
40
VDD = 3V
VP2 = 3V
TPC 20. IF Input Sensitivity
PHASE DETECTOR FREQUENCY – Hz
–120
–130
–180
10k
10M
100k
1M
–150
–160
–170
–140
VDD = 3V
VP = 5V
TPC 21. Phase Noise (Referred to CP Output) vs.
PFD Frequency, RF Side
PHASE DETECTOR FREQUENCY – Hz
–120
–130
–180
10k
10M
100k
1M
–150
–160
–170
–140
VDD = 3V
VP = 3V
TPC 22. Phase Noise (Referred to CP Output) vs.
PFD Frequency, IF Side
VCP – V
6
4
00.5
1.5
0
–2
–4
2
–6
VDD = 3V
VP1 = 5.5V
1.0
2.0
3.0
2.5
4.0
3.5
4.5
5.5
5.0
TPC 23. RF Charge Pump Output Characteristics
VCP – V
6
4
0
0.5
1.5
0
–2
–4
2
–6
VDD = 3V
VP2 = 3V
1.0
2.0
3.0
2.5
TPC 24. IF Charge Pump Output Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com