Electronic Components Datasheet Search
  English  ▼

X  

ADF4251 Datasheet(PDF) 25 Page - Analog Devices

Part # ADF4251
Description  Dual Fractional-N/Integer-N Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4251 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADF4251 Datasheet HTML 20Page - Analog Devices ADF4251 Datasheet HTML 21Page - Analog Devices ADF4251 Datasheet HTML 22Page - Analog Devices ADF4251 Datasheet HTML 23Page - Analog Devices ADF4251 Datasheet HTML 24Page - Analog Devices ADF4251 Datasheet HTML 25Page - Analog Devices ADF4251 Datasheet HTML 26Page - Analog Devices ADF4251 Datasheet HTML 27Page - Analog Devices ADF4251 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
REV. 0
ADF4251
–25–
IF Side Not In Use
If the IF side is not being used, the following pinout is recom-
mended for the IF side:
Pin No.
Mnemonic
Description
14
AGND2
Short to all other ground pins.
15
IFINBLeave open circuit. (This is biased
up to VDD/2 internally.)
16
IFINALeave open circuit. (This is biased
up to VDD/2 internally.)
19
CP_IF
Leave open circuit. (This is internally
three-stated until power-up.)
20
VP2
Short to VP1. (VP1 is the RF CP
supply.)
21
VDD2
Short to VDD1 (VDD1 is the RF VDD
supply.)
INTERFACING
The ADF4251 has a simple SPI compatible serial interface for
writing to the device. SCLK, SDATA, and LE control the data
transfer. When LE (Latch Enable) goes high, the 24 bits that have
been clocked into the input register on each rising edge of SCLK
will be transferred to the appropriate latch. See Figure 1 for the
Timing Diagram and Table I for the Control Bit Truth Table.
The maximum allowable serial clock rate is 20 MHz. This means
that the maximum update rate possible for the device is 833 kHz
or one update every 1.2 µs. This is certainly more than adequate
for systems that will have typical lock times in hundreds of
microseconds.
ADuC812
ADF4251
SCLK
SDATA
LE
CE
MUXOUT
(LOCK DETECT)
SCLOCK
MOSI
I/O PORTS
Figure 8. ADuC812 to ADF4251 Interface
ADuC812 Interface
Figure 8 shows the interface between the ADF4251 and the
ADuC812 microconverter. Since the ADuC812 is based on
an 8051 core, this interface can be used with any 8051-based
microcontroller. The microconverter is set up for SPI Master
mode with CPHA = 0. To initiate the operation, the I/O port
driving LE is brought low. Each latch of the ADF4251 needs
(at most) a 24-bit word. This is accomplished by writing three
8-bit bytes from the microconverter to the device. When the third
byte has been written, the LE input should be brought high to
complete the transfer.
I/O port lines on the ADuC812 are also used to control power-
down (CE input) and to detect lock (MUXOUT configured as
lock detect and polled by the port input).
When operating in the mode described, the maximum SCLOCK
rate of the ADuC812 is 4 MHz. This means that the maximum
rate at which the output frequency can be changed will be 166 kHz.
RF VCO
VCC
RF LOOP
FILTER
GND
ADF4251
RFOUT
100pF
100pF
18
18
18
DECOUPLING CAPACITORS AND INTERFACE SIGNALS
HAVE BEEN OMITTED FROM THE DIAGRAM IN THE
INTERESTS OF GREATER CLARITY.
51
100pF
100pF
RFINA
RFINB
REFIN
REFIN
VDD
VP
CE
VDD DVDD VP
RF CP
2.7k
POWER-DOWN CONTROL
ADG702
IN
D
SVDD
GND
RSET
IFOUT
100pF
100pF
18
18
18
IF VCO
VCC
GND
IF LOOP
FILTER
51
100pF
100pF
IFINA
IFINB
IF CP
Figure 9. Power-Down Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com