Electronic Components Datasheet Search
  English  ▼

X  

BLX94C Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLX94C
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLX94C Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLX94C Datasheet HTML 3Page - NXP Semiconductors BLX94C Datasheet HTML 4Page - NXP Semiconductors BLX94C Datasheet HTML 5Page - NXP Semiconductors BLX94C Datasheet HTML 6Page - NXP Semiconductors BLX94C Datasheet HTML 7Page - NXP Semiconductors BLX94C Datasheet HTML 8Page - NXP Semiconductors BLX94C Datasheet HTML 9Page - NXP Semiconductors BLX94C Datasheet HTML 10Page - NXP Semiconductors BLX94C Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
1996 Feb 06
8
Philips Semiconductors
Product specification
UHF power transistor
BLX94C
Fig.10 Component layout and printed-circuit board for 470 MHz class-B test circuit.
Dimensions in mm.
The components are located on one side of the copper-clad PTFE microfibre-glass board, the other side is unetched and serves as a ground plane.
Earth connections from the component side to the ground plane are made by through metallization.
handbook, full pagewidth
MBH108
input
50
Ω
output
50
Ω
rivet (4x)
52.7
41.1
146
47
C1
L2
L1
R1
C3
C4
L3
C5
L5
C6
C7
C8
R2
VCC
L4
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com