Electronic Components Datasheet Search
  English  ▼

X  

BLX94C Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLX94C
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLX94C Datasheet(HTML) 4 Page - NXP Semiconductors

  BLX94C Datasheet HTML 1Page - NXP Semiconductors BLX94C Datasheet HTML 2Page - NXP Semiconductors BLX94C Datasheet HTML 3Page - NXP Semiconductors BLX94C Datasheet HTML 4Page - NXP Semiconductors BLX94C Datasheet HTML 5Page - NXP Semiconductors BLX94C Datasheet HTML 6Page - NXP Semiconductors BLX94C Datasheet HTML 7Page - NXP Semiconductors BLX94C Datasheet HTML 8Page - NXP Semiconductors BLX94C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1996 Feb 06
4
Philips Semiconductors
Product specification
UHF power transistor
BLX94C
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Note
1. Measured under pulsed conditions: tp ≤ 200 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)CES
collector-emitter breakdown voltage VBE = 0; IC =25mA
65
−−
V
V(BR)CEO
collector-emitter breakdown voltage open base; IC = 100 mA
30
−−
V
V(BR)EBO
emitter-base breakdown voltage
open collector; IE =10mA
4
−−
V
VCEsat
collector-emitter saturation voltage
IC = 4 A; IB = 0.8 A; note 1
−
1.5
−
V
ICES
collector cut-off current
VBE = 0; VCE =30V
−−
10
mA
ESBR
second breakdown energy
open base; L = 25 mH; f = 50 Hz
3
−−
mJ
RBE =10 Ω; L = 25 mH; f = 50 Hz
3
−−
mJ
hFE
DC current gain
VCE =5V; IC = 1.5 A; note 1
15
50
−
fT
transition frequency
VCB = 28 V; IE = −1.5 A;
f = 500 MHz; note 1
−
1.1
−
fT
VCB = 28 V; IE = −4A;
f = 500 MHz; note 1
−
0.75
−
fT
Cc
collector capacitance
VCB = 28 V; IE =ie = 0; f = 1 MHz
−
33
−
pF
Cre
feedback capacitance
VCE = 28 V; IC = 20 mA; f = 1 MHz;
−
18
−
pF
Cc-s
collector-stud capacitance
−
1.2
−
pF
Fig.4
DC current gain as a function of collector
current; typical values.
Measured under pulsed conditions; tp ≤ 200 µs; δ≤ 0.02;Tj =25 °C.
(1) VCE =25V.
(2) VCE =5V.
handbook, halfpage
04
100
0
MBH099
50
2IC (A)
hFE
VCE = 25 V
5 V
Fig.5
Collector capacitance as a function of
collector-base voltage; typical values.
IE =ie = 0; f = 1 MHz; Tj =25 °C.
handbook, halfpage
040
75
25
0
50
MBH098
20
VCB (V)
Cc
(pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com