Electronic Components Datasheet Search
  English  ▼

X  

BLX94C Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLX94C
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLX94C Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLX94C Datasheet HTML 3Page - NXP Semiconductors BLX94C Datasheet HTML 4Page - NXP Semiconductors BLX94C Datasheet HTML 5Page - NXP Semiconductors BLX94C Datasheet HTML 6Page - NXP Semiconductors BLX94C Datasheet HTML 7Page - NXP Semiconductors BLX94C Datasheet HTML 8Page - NXP Semiconductors BLX94C Datasheet HTML 9Page - NXP Semiconductors BLX94C Datasheet HTML 10Page - NXP Semiconductors BLX94C Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
1996 Feb 06
9
Philips Semiconductors
Product specification
UHF power transistor
BLX94C
Fig.11 Load power as a function of VSWR.
handbook, halfpage
30
10
MBH102
1
10
VSWR
PL
(W)
102
20
Th = 50
oC
70 oC
90 oC
VCE = 28 V; f = 470 MHz; Rth mb-h = 0.6 K/W.
Fig.12 Input impedance as a function of frequency
(series components); typical values.
VCE = 28 V; PL =25W;
Th =25 °C; Class-B operation.
handbook, halfpage
100
500
−2
−1
0
1
2
3
MBH103
300
f (MHz)
ri, xi
(
Ω)
ri
xi
Fig.13 Load impedance as a function of frequency
(series components); typical values.
VCE = 28 V; PL =25W;
Th =25 °C; Class-B operation.
handbook, halfpage
100
500
4
6
8
MBH104
300
f (MHz)
RL, XL
(
Ω)
RL
XL
Fig.14 Power gain as a function of frequency;
typical values.
VCE = 28 V; PL =25W;
Th =25 °C; Class-B operation.
handbook, halfpage
100
500
0
4
16
20
12
8
24
MBH105
300
f (MHz)
Gp
(dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com