Electronic Components Datasheet Search
  English  ▼

X  

BLX94C Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLX94C
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLX94C Datasheet(HTML) 2 Page - NXP Semiconductors

  BLX94C Datasheet HTML 1Page - NXP Semiconductors BLX94C Datasheet HTML 2Page - NXP Semiconductors BLX94C Datasheet HTML 3Page - NXP Semiconductors BLX94C Datasheet HTML 4Page - NXP Semiconductors BLX94C Datasheet HTML 5Page - NXP Semiconductors BLX94C Datasheet HTML 6Page - NXP Semiconductors BLX94C Datasheet HTML 7Page - NXP Semiconductors BLX94C Datasheet HTML 8Page - NXP Semiconductors BLX94C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1996 Feb 06
2
Philips Semiconductors
Product specification
UHF power transistor
BLX94C
FEATURES
• Withstands full load mismatch
• Emitter ballasting resistors for an optimum temperature
profile
• Gold metallization ensures excellent reliability.
APPLICATIONS
• Transmitting applications in the UHF range with a
nominal supply voltage up to 28 V.
DESCRIPTION
NPN silicon planar epitaxial transistor primarily intended
for class-A, B or C operation. The transistor is
encapsulated in a 4-lead SOT122A stud envelope with a
ceramic cap.
PINNING - SOT122A
PIN
SYMBOL
DESCRIPTION
1
c
collector
2
e
emitter
3
b
base
4
e
emitter
Fig.1 Simplified outline and symbol.
handbook, halfpage
2
3
1
4
MAM229
e
c
b
QUICK REFERENCE DATA
RF performance at Th =25 °C in a common emitter test circuit.
MODE OF
OPERATION
f
(MHz)
VCE
(V)
PL
(W)
Gp
(dB)
ηC
(%)
CW, class-B
470
28
25
>6.5
>55
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided that the BeO disc is not damaged.
All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of
the user. It must never be thrown out with the general or domestic waste.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com