Electronic Components Datasheet Search
  English  ▼

X  

BLX94C Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLX94C
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLX94C Datasheet(HTML) 3 Page - NXP Semiconductors

  BLX94C Datasheet HTML 1Page - NXP Semiconductors BLX94C Datasheet HTML 2Page - NXP Semiconductors BLX94C Datasheet HTML 3Page - NXP Semiconductors BLX94C Datasheet HTML 4Page - NXP Semiconductors BLX94C Datasheet HTML 5Page - NXP Semiconductors BLX94C Datasheet HTML 6Page - NXP Semiconductors BLX94C Datasheet HTML 7Page - NXP Semiconductors BLX94C Datasheet HTML 8Page - NXP Semiconductors BLX94C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1996 Feb 06
3
Philips Semiconductors
Product specification
UHF power transistor
BLX94C
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCESM
collector-emitter voltage (peak value)
VBE =0
−
65
V
VCEO
collector-emitter voltage
open base
−
30
V
VEBO
emitter-base voltage
open collector
−
4V
IC
collector current (DC)
−
2.5
A
IC(AV)
average collector current
−
2.5
A
ICM
peak collector current
f > 1 MHz
−
6A
Ptot
total power dissipation
≤ Tmb =25 °C
−
60
W
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
−
200
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-mb
thermal resistance from junction to
mounting base (DC dissipation)
Ptot =20W;Tmb =82 °C; Th =70 °C
4
K/W
Rth j-mb
thermal resistance from junction to
mounting base (RF dissipation)
Ptot =20W;Tmb =82 °C; Th =70 °C
2.7
K/W
Rth mb-h
thermal resistance from mounting base
to heatsink
Ptot =20W;Tmb =82 °C; Th =70 °C
0.6
K/W
Fig.2 DC SOAR.
(1) Tmb =25 °C.
(2) Th =70 °C.
handbook, halfpage
MBH096
10
10−1
110
102
1
IC
(A)
VCE (V)
(1)
(2)
Fig.3 Power derating curves.
(1) Continuous DC operation.
(2) Continuous RF operation.
(3) Short-time operation during mismatch.
handbook, halfpage
0
100
60
10
20
MBH097
30
40
50
50
Th (
oC)
Ptot
(W)
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com