Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 253 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 253 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 249Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 250Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 251Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 252Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 253Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 254Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 255Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 256Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 257Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 319 page
background image
ST7789V2
Version 1.0
Page 253 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.1.47 RDID2 (DBh): Read ID2
DBH
RDID2 (Read ID2)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
RDID2
0
↑
1
-
1
1
0
1
1
0
1
1
(DBh)
1st parameter
1
1
↑
-
-
-
-
-
-
-
-
-
2nd parameter
1
1
↑
-
ID27
ID26
ID25
ID24
ID23
ID22
ID21
ID20
Description
This read byte is used to track the LCD module/driver IC version.
‘-’: Don’t care.
Restriction
-
Register
availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
85h
S/W Reset
85h
H/W Reset
85h
Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com