Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 54 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 54 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 319 page
background image
ST7789V2
Version 1.0
Page 54 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
8.3
8080-
series MCU Parallel Interface
Ⅱ
Ⅱ
Ⅱ
Ⅱ
The MCU uses one of following interface: 11-lines with 8-data parallel interface, 12-lines with 9-data
parallel interface, 19-lines with 16-data parallel interface, or 21-lines with 18-data parallel interface. The
chip-select CSX(active low) enables and disables the parallel interface. RESX (active low) is an external reset
signal. The R/WX is the Read/Write flag and D[17:0] is parallel data bus.
The LCD driver reads the data at the rising edge of WRX signal. The D/CX is the data/command flag.
When D/CX=’1’, D[17:0] bits is either display data or command parameter. When D/C=’0’, D[17:0] bits is
command.
The 8080-
series bi
Ⅱ
-directional interface can be used for communication between the micro controller
and LCD driver. Interface bus width can be selected with IM3, IM2, IM1 and IM0.The interface functions of
8080-
series parallel interface
Ⅱ
are given in Table 12 The function of 8080-
Ⅱ series parallel interface.
IM3 IM2 IM1 IM0
Interface
D/CX RDX WRX
Function
1
0
0
0
16-bit Parallel
0
1
↑
Write 8-bit command (D[8:1])
1
1
↑
Write 16-bit display data or 8-bit parameter (D[17:10], D[8:1])
1
↑
1
Read 16-bit Display data (D[17:10], D[8:1])
1
↑
1
Read 8-bit parameter or status (D[8:1])
1
0
0
1
8-bit Parallel
0
1
↑
Write 8-bit command (D[17:10])
1
1
↑
Write 8-bit display data or 8-bit parameter (D[17:10])
1
↑
1
Read 8-bit Display data (D[17:10])
1
↑
1
Read 8-bit parameter or status (D[17:10])
1
0
1
0
18-bit Parallel
0
1
↑
Write 8-bit command (D[8:1])
1
1
↑
Write 18-bit display data or 8-bit parameter (D[17:0], D[8:1])
1
↑
1
Read 18-bit Display data (D[17:0])
1
↑
1
Read 8-bit parameter or status (D[8:1])
1
0
1
1
9-bit Parallel
0
1
↑
Write 8-bit command (D[17:10])
1
1
↑
Write 9-bit display data or 8-bit parameter (D[17:9])
1
↑
1
Read 9-bit Display data (D[17:9])
1
↑
1
Read 8-bit parameter or status (D[17:10])
Table 12 The function of 8080-
series parallel interface
Ⅱ
Ⅱ
Ⅱ
Ⅱ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com