Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 66 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 66 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 66Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 319 page
background image
ST7789V2
Version 1.0
Page 66 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
8.5
Data Transfer Break and Recovery
If there is a break in data transmission by RESX pulse, while transferring a command or frame memory
data or multiple parameter command data, before Bit D0 of the byte has been completed, then driver will
reject the previous bits and have reset the interface such that it will be ready to receive command data again
when the chip select line (CSX) is next activated after RESX have been HIGH state.
If there is a break in data transmission by CSX pulse, while transferring a command or frame memory
data or multiple parameter command data, before Bit D0 of the byte has been completed, then driver will
reject the previous bits and have reset the interface such that it will be ready to receive the same byte
re-transmitted when the chip select line (CSX) is next activated.
If 1, 2 or more parameter commands are being sent and a break occurs while sending any parameter
before the last one and if the host then sends a new command rather than re-transmitting the parameter that
was interrupted, then the parameters that were successfully sent are stored and the parameter where the
break occurred is rejected. The interface is ready to receive next byte as shown below.
Figure 20 Write interrupts recovery (serial interface)
If a 2 or more parameter commands are being sent and a break occurs by the other command before the
last one is sent, then the parameters that were successfully sent are stored and the other parameter of that
command remains previous value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com