Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 53 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 53 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 319 page
background image
ST7789V2
Version 1.0
Page 53 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
Figure 10 8080-series RDX protocol
Note: RDX is an unsynchronized signal (It can be stopped).
CMD
DM
PA
CMD
DM & data
Data
Data
S
P
CMD
DM
PA
CMD
DM & data
Data
Data
S
P
D[17:0]
RESX
CSX
D/CX
RDX
WRX
D[17:0]
Host D[17:0]
Host to LCD
Driver D[17:0]
LCD to Host
“1”
Hi-Z
Read parameter
Read display data
CMD: write command code
PA: parameter or display data
Signals on D[17:0], D/CX, R/WX, E
pins during CSX=1 are ignored.
DM
PA1
DM & data
PAN-2
PAN-1
P
S
CMD
CMD
S
P
Hi-Z
Hi-Z
Hi-Z
Figure 11 8080-series parallel bus protocol, read data from register or display RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com