Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 15 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 15 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 319 page
background image
ST7789V2
Version 1.0
Page 15 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
VCC
VCC
DUMMY
VPP
VPP
VPP
VPP
DUMMY
DUMMY
VGH
VGH
VGH
VGH
VGH
VGH
VGH
VGH
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
DUMMYR1
DUMMYR2
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
Y
X
DUMMY
DUMMY
DUMMY
G 1
G 3
G 5
G 7
G 9
G 11
G 13
S 1
S 2
S 3
S 4
S 5
S 6
S353
S354
S355
S356
S357
S358
S359
S360
S361
S362
S363
S364
S365
S366
S367
S368
S712
S713
S714
S715
S716
S717
S718
S719
S720
G320
G318
G316
G314
G312
G310
G308
G306
G12
G10
G8
G6
G4
G2
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
VCOM
VCOM
VCOM
VCOM
VCOM
VCOM
VCOM
VCOM
DUMMY
VAG
VAG
VDDS
VDDS
VDDGX
VDDGX
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
VGL
VGL
VGL
VGL
VGL
VGL
AVDD
AVDD
AVDD
AVDD
AVDD
AVDD
AVDD
AVCL
AVCL
AVCL
AVCL
AVCL
AVCL
AVCL
VAN
VAN
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
VAP
VAP
V20
V20
V20
V20
V20
V20
V20
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
DGND
DGND
DGND
DGND
DGND
DGND
DGND
DGND
TEST3
DUMMY
DUMMY
EXTC
IM3
IM2
IM1
IM0
RESX
CSX
DCX
WRX
RDX
TEST2
VSYNC
HSYNC
ENABLE
DOTCLK
DUMMY
SDA
DB0
DB1
DB2
DB3
TEST1
DB4
DB5
DB6
DB7
DUMMY
DB8
DB9
DB10
DB11
DUMMY
DB12
DB13
DB14
DB15
DUMMY
DB16
DB17
TEST0
TE
SDO
LED_PWM
LED_EN
VDDI_LED
VDDI_LED
TE2
TESTO1
TESTO2
TESTO3
TESTO4
TESTO5
TESTO6
VDDI
VDDI
VDDI
VDDI
VDDI
VDDI
VDDI
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
DUMMY
DUMMY
VCOM
VCOM
VCOM
VCOM
VCOM
VCOM
VCOM
VCOM
DUMMY
DUMMY
Bump View
G303
G305
G307
G309
G311
G313
G315
G317
G319
3
PAD ARRANGEMENT
3.1
Output Bump Dimension
Au bump height
9µm
Au bump size
14µmx100µm
Gate : G1~G320
Source : S1~S720
40µmx56µm
Input Pads : Pad 12 to Pad 239



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com