Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 34 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 34 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 319 page
background image
ST7789V2
Version 1.0
Page 34 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
Name
I/O
Description
Connect Pin
DCX=’1’: display data or parameter.
DCX=’0’: command data.
-If not used, please fix this pin at VDDI or DGND.
RDX
I
-Read enable in 8080 MCU parallel interface.
-If not used, please fix this pin at VDDI or DGND.
MCU
WRX
I
-Write enable in MCU parallel interface.
- Display data/command selection pin in 4-line serial interface.
- Second Data lane in 2 data lane serial interface.
-If not used, please fix this pin at VDDI or DGND.
MCU
VSYNC
I
-Vertical (Frame) synchronizing input signal for RGB interface operation.
-If not used, please fix to the VDDI or DGND.
MCU
HSYNC
I
-Horizontal (Line) synchronizing input signal for RGB interface operation.
- If not used, please fix to VDDI or DGND.
MCU
ENABLE
I
-Data enable signal for RGB interface operation.
-If not used, please fix this pin at VDDI or DGND.
MCU
DOTCLK
I
-Dot clock signal for RGB interface operation.
-If not used, please fix this pin at VDDI or DGND.
MCU
SDA
I/O
-When IM3: Low, SPI interface input/output pin.
-When IM3: High, SPI interface input pin.
-The data is latched on the rising edge of the SCL signal.
-If not used, please fix this pin at VDDI or DGND level.
MCU
SDO
O
-SPI interface output pin.
-The data is output on the falling edge of the SCL signal.
-If not used, let this pin open.
MCU
DB[17:0]
I/O
-DB[17:0] are used as MCU parallel interface data bus.
8-bit I/F: when IM3:0, DB[7:0] are used; when IM3:1, DB[17:10] are used.
9-bit I/F: when IM3:0, DB[8:0] are used; when IM3:1, DB[17:9] are used.
16-bit I/F: when IM3:0, DB[15:0] are used; when IM3:1, DB[17:10] and
DB[8:1] are used.
18-bit I/F: DB[17:0] are used.
-DB[17:0] are used as RGB interface data bus.
6-bit RGB I/F: DB[5:0] are used.
16-bit RGB I/F: DB[17:13], DB[11:1] are used.
18-bit RGB I/F: DB[17:0] are used.
-If not used, please fix this pin at VDDI or DGND.
MCU
TE
O
-Tearing effect signal is used to synchronize MCU to frame memory
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com