Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 105 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 105 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 101Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 102Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 103Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 104Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 105Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 106Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 107Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 108Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 109Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 319 page
background image
ST7789V2
Version 1.0
Page 105 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
8.8.42 Write data for 16-bit/pixel (RGB 5-6-5-bit input), 65K-Colors, 3Ah=”05h”
R11
R12
R13
R10
1
R21
R22
R23
R20
G23
G24
G25
CSX
RESX
SDA
SCL
“1”
D8
D7
D6
D5
D4
D3
D2
D1
D0
D8
D7
D6
D5
D4
D3
D2
D1
D0
Look-up table for 65k color data mapping (16 bits to 18 bits)
16 bits
16 bits
R1
G1
B1
R2
G2
B2
R3
G3
B3
18 bits
Frame memory
R14
G13
G14
G15
1
R24
G11
G12
G10
B11
B12
B13
B10
1
WRX
D8
D7
D6
D5
D4
D3
D2
D1
D0
D8
D7
D6
D5
D4
D3
D2
D1
D0
Pixel n
Pixel n+1
1
B14
G21
G22
G20
B21
B22
B23
B20
B24
Note 1: Pixel data with the 16-bit color depth information
Note 2: The most significant bits are: Rx4, Gx5 and Bx4
Note 3: The least significant bits are: Rx0, Gx0 and Bx0
8.8.43 Write data for 18-bit/pixel (RGB 6-6-6-bit input), 262K-Colors, 3Ah=”06h”
Note 1: Pixel data with the 18-bit color depth information
Note 2: The most significant bits are: Rx5, Gx5 and Bx5
Note 3: The least significant bits are: Rx0, Gx0 and Bx0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com