Electronic Components Datasheet Search
  English  ▼

X  

ADP1822 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1822
Description  PWM, Step-Down DC-to-DC Controller with Margining and Tracking
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1822 Datasheet(HTML) 5 Page - Analog Devices

  ADP1822 Datasheet HTML 1Page - Analog Devices ADP1822 Datasheet HTML 2Page - Analog Devices ADP1822 Datasheet HTML 3Page - Analog Devices ADP1822 Datasheet HTML 4Page - Analog Devices ADP1822 Datasheet HTML 5Page - Analog Devices ADP1822 Datasheet HTML 6Page - Analog Devices ADP1822 Datasheet HTML 7Page - Analog Devices ADP1822 Datasheet HTML 8Page - Analog Devices ADP1822 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADP1822
Rev. B | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
VCC, SHDN
−0.3 V to +6 V
, SYNC, FREQ, COMP, SS, FB,
TRKP, TRKN, MAR, MSEL, MUP, and
MDN to GND; PVCC to PGND; BST to SW
BST to GND
−0.3 V to +30 V
CSL to GND
−1 V to +30 V
DH to GND
(VSW − 0.3 V) to
(VBST + 0.3 V)
Absolute maximum ratings apply individually only, not in
combination. Unless otherwise specified, all other voltages are
referenced to GND.
DL to PGND
−0.3 V to
(VPVCC + 0.3 V)
SW to GND
−2 V to +30 V
PGND to GND
±2 V
θJA, 2-Layer (SEMI Standard Board)
122°C/W
θJA, 4-Layer (JEDEC Standard Board)
82°C/W
Operating Ambient Temperature Range
−40°C to +85°C
Operating Junction Temperature Range
−55°C to +125°C
Storage Temperature Range
−65°C to +150°C
Maximum Soldering Lead Temperature
260°C
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com