Electronic Components Datasheet Search
  English  ▼

X  

ADP1822 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP1822
Description  PWM, Step-Down DC-to-DC Controller with Margining and Tracking
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1822 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP1822 Datasheet HTML 15Page - Analog Devices ADP1822 Datasheet HTML 16Page - Analog Devices ADP1822 Datasheet HTML 17Page - Analog Devices ADP1822 Datasheet HTML 18Page - Analog Devices ADP1822 Datasheet HTML 19Page - Analog Devices ADP1822 Datasheet HTML 20Page - Analog Devices ADP1822 Datasheet HTML 21Page - Analog Devices ADP1822 Datasheet HTML 22Page - Analog Devices ADP1822 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADP1822
Rev. B | Page 19 of 24
The high-side MOSFET turn-on follows the rising edge of
the SYNC input by approximately 320 ns. To prevent erratic
switching frequency, make sure that the falling edge of the
SYNC input signal does not coincide with the falling edge of
the dc-to-dc converter switching, or
SETTING THE SOFT START PERIOD
The ADP1822 uses an adjustable soft start to limit the output
voltage ramp-up period, limiting the input inrush current. The
soft start is set by selecting the capacitor, CSS, from SS to GND.
The ADP1822 charges CSS to 0.8 V through an internal resistor.
The voltage on C
()( )
[]
IN
OUT
SW
SYNC
V
V
f
D
+
≠
ns
320
SS
while it is charging is
(57)
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
=
SS
RC
CSS
e
V
1
1
V
8
.
0
(53)
where D
is the duty cycle of the synchronization waveform.
SYNC
Make sure that in all combinations of frequency, input, and
output voltages, the SYNC input fall time does not align with
the dc-to-dc converter fall time.
where R is the internal 100 kΩ resistor. The soft start period, tSS,
is achieved when V
= 0.6 V, or
CSS
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
=
)
(
kΩ
100
1
V
8
.
0
V
6
.
0
SS
SS
C
t
e
(54)
SETTING THE OUTPUT VOLTAGE TRACKING
or
()
386
.
1
V
8
.
0
V
6
.
0
1
ln
kΩ
100
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
−
=
SS
SS
C
t
(55)
Solving for CSS and combining constants,
CSS
= (7.213 × 10−6)tSS
(56)
The ADP1822 provides a tracking function that limits the
output voltage to or below an external tracking voltage. This is
useful in systems where multiple dc-to-dc converters are used to
power different sections of a circuit, such as a microcontroller or a
DSP that has separate I/O and core voltages. In similar circuits,
if the nominally lower of the two voltages exceeds the nominally
higher voltage at startup or shutdown, the circuit powered may
experience problems. To prevent this, use the tracking feature of
the ADP1822 to limit the output voltage to or below the tracking
voltage at all times.
SYNCHRONIZING THE CONVERTER
The dc-to-dc converter switching can be synchronized to an
external signal. This allows multiple ADP1822 converters to be
operated at the same frequency to prevent frequency beating or
other interactions.
To use the tracking feature, connect TRKP to the output voltage
and drive TRKN with the tracking voltage. To ensure that noise
does not cause unstable operation, connect a 1 nF capacitor
between TRKN and TRKP as close to the ADP1822 as possible.
To synchronize the ADP1822 switching to an external signal,
drive the SYNC input with the synchronizing signal. The ADP1822
can only synchronize up to 2× the nominal oscillator frequency.
If the frequency is set to 300 kHz (FREQ connected to GND), it
can synchronize up to 600 kHz. If the frequency is set to 600 kHz
(FREQ connected to VCC), it can synchronize to 1.2 MHz.
If either the ADP1822 output voltage or the tracking voltage at
any time exceeds the voltage at VCC, use equal voltage dividers
from the output voltage to TRKP and from the tracking voltage
to TRKN to prevent overstress on the TRKP and TRKN inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com