Electronic Components Datasheet Search
  English  ▼

X  

ADP1822 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1822
Description  PWM, Step-Down DC-to-DC Controller with Margining and Tracking
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1822 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1822 Datasheet HTML 5Page - Analog Devices ADP1822 Datasheet HTML 6Page - Analog Devices ADP1822 Datasheet HTML 7Page - Analog Devices ADP1822 Datasheet HTML 8Page - Analog Devices ADP1822 Datasheet HTML 9Page - Analog Devices ADP1822 Datasheet HTML 10Page - Analog Devices ADP1822 Datasheet HTML 11Page - Analog Devices ADP1822 Datasheet HTML 12Page - Analog Devices ADP1822 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADP1822
Rev. B | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
0.6003
0.5996
–50
110
TEMPERATURE (°C)
0.6002
0.6001
0.6000
0.5999
0.5998
0.5997
–30
–10
10
30
50
70
90
97
87
0
16
LOAD CURRENT (A)
96
95
94
93
92
91
90
89
88
246
8
10
12
14
1.8V OUTPUT
3.3V OUTPUT
Figure 5. Efficiency vs. Load Current, VIN = 5 V, V
= 3.3 V, 1.8 V
Figure 8. FB Regulation Voltage vs. Temperature
OUT
94
80
0
16
LOAD CURRENT (A)
92
90
88
86
84
82
2
4
6
8
10
12
14
1.8V OUTPUT
3.3V OUTPUT
700
0
–50
100
TEMPERATURE (°C)
600
500
400
300
200
100
050
300kHz
600kHz
Figure 6. Efficiency vs. Load Current, VIN = 12 V, V
= 3.3 V, 1.8 V
Figure 9. Switching Frequency vs. Temperature
OUT
1400
0
0
6
VCC VOLTAGE (V)
1200
1000
800
600
400
200
1
234
5
OUTPUT VOLTAGE
(20mV/DIV)
LOAD CURRENT
(5A/DIV)
Figure 10. Load Transient Response, 1.5 A to 15 A
Figure 7. VCC Supply Current vs. Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com